Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA05181 Datasheet (PDF) - Golledge Electronics Ltd

Part # MA05181
Description  5V OCXO HCMOS Output
File Size   135.59 Kbytes
Html View  1 
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA05181 Datasheet (PDF) - Golledge Electronics Ltd



Similar Part No. - MA05181

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA05180 GOLLEDGE-MA05180 Datasheet
127Kb / 1P
12V OCXO Low Profile
MA05186 GOLLEDGE-MA05186 Datasheet
235Kb / 4P
SAW Filter 930.50MHz
MA05187 GOLLEDGE-MA05187 Datasheet
222Kb / 4P
RF SAW Filter 935 MHz
More results


Similar Description - MA05181

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD331 GOLLEDGE-HCD331 Datasheet
60Kb / 1P
5V OCXO HCMOS Low Profile
HCD351 GOLLEDGE-HCD351 Datasheet
61Kb / 1P
5V OCXO HCMOS Output
HCD361 GOLLEDGE-HCD361 Datasheet
61Kb / 1P
OCXO HCMOS Output
MCOCXOV GOLLEDGE-MCOCXOV Datasheet
59Kb / 1P
5V OCXO HCMOS Output 14-pin DIL
HCD180 GOLLEDGE-HCD180 Datasheet
64Kb / 1P
OCXO HCMOS OUTPUT
HCD190 GOLLEDGE-HCD190 Datasheet
64Kb / 1P
OCXO HCMOS OUTPUT
HCD332 GOLLEDGE-HCD332 Datasheet
61Kb / 1P
5V OCXO HCMOS OUTPUT STRATUM 3E
SCOCXOVT GOLLEDGE-SCOCXOVT Datasheet
59Kb / 1P
5V OCXO HCMOS Output 14-pin DIL
logo
Connor-Winfield Corpora...
OFC5EF3ABG5 CONNOR-WINFIELD-OFC5EF3ABG5 Datasheet
181Kb / 2P
STRATUM 3E 5V HCMOS OCXO
logo
Golledge Electronics Lt...
HCD361 GOLLEDGE-HCD361_15 Datasheet
135Kb / 1P
OCXO HCMOS Output
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com