Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OCXOVST Datasheet (PDF) - Golledge Electronics Ltd

Part # OCXOVST
Description  5.0V OCXO CMOS Output Stratum 3
File Size   143.03 Kbytes
Html View  1   2 
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

OCXOVST Datasheet (PDF) - Golledge Electronics Ltd



Similar Part No. - OCXOVST

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
Oven Controlled Crystal Oscillator
logo
Golledge Electronics Lt...
OCXOVST GOLLEDGE-OCXOVST Datasheet
551Kb / 5P
Stratum 3 Compliant 5.0V OCXO with CMOS Output
logo
MICORO CRYSTAL SWITZERL...
OCXOVSTC12.8MHZ MICROCRYSTAL-OCXOVSTC12.8MHZ Datasheet
311Kb / 2P
HC-MOS output Up to 54 MHz stratum 3 compliant
OCXOVSTC20MHZ MICROCRYSTAL-OCXOVSTC20MHZ Datasheet
311Kb / 2P
HC-MOS output Up to 54 MHz stratum 3 compliant
OCXOVSTC25.6MHZ MICROCRYSTAL-OCXOVSTC25.6MHZ Datasheet
311Kb / 2P
HC-MOS output Up to 54 MHz stratum 3 compliant
More results


Similar Description - OCXOVST

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
ASOF5S3 CONNOR-WINFIELD-ASOF5S3 Datasheet
165Kb / 2P
SURFACE MOUNT 5.0V HCMOS STRATUM 3 OCXO
CGOV5S3 CONNOR-WINFIELD-CGOV5S3 Datasheet
211Kb / 2P
14 PIN DIP 5.0V STRATUM 3 OCXO
AGOV5S3 CONNOR-WINFIELD-AGOV5S3 Datasheet
216Kb / 2P
14 PIN DIP 5.0V HCMOS STRATUM 3 OCXO
AGOF5S3 CONNOR-WINFIELD-AGOF5S3 Datasheet
212Kb / 2P
14 PIN DIP 5.0V STRATUM 3 HCMOS OCXO
BGOV5S3 CONNOR-WINFIELD-BGOV5S3 Datasheet
216Kb / 2P
14 PIN DIP 5.0V STRATUM 3 OCXO
OFC5EF1AB CONNOR-WINFIELD-OFC5EF1AB Datasheet
133Kb / 2P
5.0V HCMOS STRATUM 3E OCXO
logo
Golledge Electronics Lt...
OCXOWST GOLLEDGE-OCXOWST Datasheet
143Kb / 2P
3.3V OCXO CMOS Output Stratum 3
GTXO-C14V GOLLEDGE-GTXO-C14V Datasheet
548Kb / 4P
3.3 & 5.0V Stratum 3 VCTCXO with CMOS Output
OCXOWST GOLLEDGE-OCXOWST_18 Datasheet
551Kb / 5P
Stratum 3 Compliant 3.3V OCXO with CMOS Output
OCXOVST GOLLEDGE-OCXOVST_18 Datasheet
551Kb / 5P
Stratum 3 Compliant 5.0V OCXO with CMOS Output
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com