Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPT2022 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # NPT2022
Description  GaN Wideband Transistor 48 V, 100 W
File Size   1815.13 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT2022 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - NPT2022

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT2022 MA-COM-NPT2022 Datasheet
2Mb / 10P
Gallium Nitride 48V, 100W, DC-2 GHz HEMT
NPT2022 MA-COM-NPT2022 Datasheet
12Mb / 9P
Next generation high power RF semiconductor technology
More results


Similar Description - NPT2022

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-011086-V1A MA-COM-MAGX-011086-V1A Datasheet
972Kb / 4P
GaN Wideband Transistor 28 V
MAGX-000035-01500P MA-COM-MAGX-000035-01500P Datasheet
1Mb / 10P
GaN Wideband 15 W Pulsed Transistor in Plastic Package
NPA1006 MA-COM-NPA1006 Datasheet
1Mb / 13P
GaN Wideband Power Amplifier, 28 V, 12.5 W
MAGX-011086 MA-COM-MAGX-011086_15 Datasheet
1Mb / 10P
GaN Wideband Transistor 28 V, 4 W
NPT2020 MA-COM-NPT2020_15 Datasheet
1Mb / 13P
GaN Wideband Transistor 48 V, 50 W
NPT1015B MA-COM-NPT1015B Datasheet
1Mb / 12P
GaN Wideband Transistor 28 V, 45 W DC - 3.5 GHz
logo
TriQuint Semiconductor
QPD2194 TRIQUINT-QPD2194 Datasheet
884Kb / 14P
300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
QPD2195 TRIQUINT-QPD2195 Datasheet
1Mb / 12P
400 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
logo
Qorvo, Inc
QPD0020 QORVO-QPD0020 Datasheet
1Mb / 11P
35 W, 48 V, DC ??6 GHz, GaN RF Power Transistor
QPD0030 QORVO-QPD0030 Datasheet
1Mb / 12P
45 W, 48 V, DC to 5 GHz, GaN RF Power Transistor
October 7, 2019
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com