Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW05-0311 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # SW05-0311
Description  Matched GaAs SPST Switch
File Size   588.49 Kbytes
Html View  1   2   3   4   5 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW05-0311 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - SW05-0311_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW05-0311TR MA-COM-SW05-0311TR Datasheet
107Kb / 4P
Matched GaAs SPST Switch, DC-3.0 GHz with TTL/CMOS Control Input
More results


Similar Description - SW05-0311_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-215 MACOM-SW-215 Datasheet
68Kb / 2P
Matched GaAs SPST Switch 5 - 3000 MHZ
SW-231 MACOM-SW-231 Datasheet
97Kb / 2P
Matched GaAs SPST Switch 5 - 4000 MHz
SW-209 MACOM-SW-209 Datasheet
101Kb / 2P
Matched GaAs SPST Switch DC - 3 GHz
SW-215-PIN MACOM-SW-215-PIN Datasheet
138Kb / 3P
Matched GaAs SPST Switch, 5 - 3000 MHz
logo
M/A-COM Technology Solu...
SW-209 MA-COM-SW-209 Datasheet
108Kb / 3P
Matched GaAs SPST Switch DC - 3.0 GHz
SW-215-PIN MA-COM-SW-215-PIN Datasheet
57Kb / 3P
Matched GaAs SPST Switch, 5 - 3000 MHz
SW-231-PIN MA-COM-SW-231-PIN Datasheet
59Kb / 3P
Matched GaAs SPST Switch, 5 - 4000 MHz
MASW6020G MA-COM-MASW6020G Datasheet
69Kb / 4P
GaAs SPST Switch
SW-209 MA-COM-SW-209 Datasheet
108Kb / 3P
Matched GaAs SPST Switch
SW-231-PIN-V4 MA-COM-SW-231-PIN-V4 Datasheet
204Kb / 3P
Matched GaAs SPST Switch
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com