Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N80 Datasheet (PDF) - Inchange Semiconductor Company Limited

Part # 7N80
Description  Drain Current ID= 7A@ TC=25C
File Size   137.58 Kbytes
Html View  1   2 
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

7N80 Datasheet (PDF) - Inchange Semiconductor Company Limited



Similar Part No. - 7N80

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N80 UTC-7N80 Datasheet
177Kb / 6P
7.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
7N80 UTC-7N80 Datasheet
187Kb / 6P
7A, 800V N-CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
7N80 WXDH-7N80 Datasheet
901Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
7N80 WXDH-7N80 Datasheet
899Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
7N80 WXDH-7N80 Datasheet
900Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
More results


Similar Description - 7N80

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
6N65 ISC-6N65 Datasheet
136Kb / 2P
Drain Current ID= 6.2A@ TC=25C
7N65 ISC-7N65 Datasheet
137Kb / 2P
Drain Current ID= 7A@ TC=25C
13N50 ISC-13N50 Datasheet
136Kb / 2P
Drain Current ID= 13A@ TC=25C
2N15 ISC-2N15 Datasheet
65Kb / 2P
Drain Current ID= 2A@ TC=25C
2N20 ISC-2N20 Datasheet
68Kb / 2P
Drain Current ID= 2A@ TC=25C
2N90 ISC-2N90 Datasheet
68Kb / 2P
Drain Current ID= 2A@ TC=25C
2SK684 ISC-2SK684 Datasheet
65Kb / 2P
Drain Current ?밒D=7A@ TC=25C
2SK723 ISC-2SK723 Datasheet
58Kb / 2P
Drain Current ?밒D=7A@ TC=25C
2SK1081 ISC-2SK1081 Datasheet
69Kb / 2P
Drain Current ?밒D=7A@ TC=25C
2SK1692 ISC-2SK1692 Datasheet
67Kb / 2P
Drain Current ?밒D=7A@ TC=25C
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com