Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK610 Datasheet (PDF) - Inchange Semiconductor Company Limited

Part # 2SK610
Description  Drain Source Voltage-: VDSS= 400V(Min)
File Size   64.51 Kbytes
Html View  1   2 
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK610 Datasheet (PDF) - Inchange Semiconductor Company Limited



Similar Part No. - 2SK610

ManufacturerPart #DatasheetDescription
logo
NEC
2SK611 NEC-2SK611 Datasheet
290Kb / 4P
MOS FIELD EFFECT POWER TRANSISTOR
logo
VBsemi Electronics Co.,...
2SK611 VBSEMI-2SK611 Datasheet
1Mb / 9P
N-Channel 100 V (D-S) MOSFET
logo
List of Unclassifed Man...
2SK612 ETC-2SK612 Datasheet
110Kb / 2P
MOS Field Effect Power Transistors
2SK612-Z ETC-2SK612-Z Datasheet
110Kb / 2P
MOS Field Effect Power Transistors
logo
Panasonic Semiconductor
2SK614 PANASONIC-2SK614 Datasheet
34Kb / 2P
Silicon N-Channel MOS FET
More results


Similar Description - 2SK610

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N3970 NJSEMI-2N3970 Datasheet
164Kb / 1P
DRAIN-SOURCE VOLTAGE
2N5265 NJSEMI-2N5265 Datasheet
157Kb / 1P
DRAIN-SOURCE VOLTAGE
BUZ80A NJSEMI-BUZ80A Datasheet
88Kb / 3P
Drain source voltage
logo
Vincotech
V23990-P622-F74-D1-14 VINCOTECH-V23990-P622-F74-D1-14 Datasheet
600Kb / 11P
Drain to source voltage
logo
Inchange Semiconductor ...
2SK617 ISC-2SK617 Datasheet
67Kb / 2P
Drain Source Voltage-: VDSS= 800V(Min)
2SK627 ISC-2SK627 Datasheet
64Kb / 2P
Drain Source Voltage-: VDSS= 50V(Min)
2SK629 ISC-2SK629 Datasheet
64Kb / 2P
Drain Source Voltage-: VDSS= 100V(Min)
2SK667 ISC-2SK667 Datasheet
64Kb / 2P
Drain Source Voltage-: VDSS= 400V(Min)
BU408 ISC-BU408 Datasheet
190Kb / 2P
High Voltage: VCEV= 400V(Min)
logo
New Jersey Semi-Conduct...
ZVN0106A NJSEMI-ZVN0106A Datasheet
85Kb / 1P
Drain-source voltage
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com