Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU408 Datasheet (PDF) - Inchange Semiconductor Company Limited

BU408 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BU408
Download  BU408 Download
File Size   190.73 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description High Voltage: VCEV= 400V(Min)

BU408 Datasheet (PDF)

Go To PDF Page Download Datasheet
BU408 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BU408
Download  BU408 Click to download

File Size   190.73 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description High Voltage: VCEV= 400V(Min)

BU408 Datasheet (HTML) - Inchange Semiconductor Company Limited




Similar Part No. - BU408

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BU408 FAIRCHILD-BU408 Datasheet
47Kb / 5P
High Voltage Switching
logo
Savantic, Inc.
BU408 SAVANTIC-BU408 Datasheet
89Kb / 3P
Silicon NPN Power Transistors
logo
Central Semiconductor C...
BU408 CENTRAL-BU408 Datasheet
54Kb / 1P
NPN SLICON POWER TRANSISTOR JEDEC TO-220 CASE
logo
Savantic, Inc.
BU408 SAVANTIC-BU408 Datasheet
91Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BU408 NJSEMI-BU408 Datasheet
131Kb / 2P
Silicon NPN Power Transistor
More results


Similar Description - BU408

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S942 SSOUSA-S942 Datasheet
248Kb / 7P
High Blocking Voltage (800V MIN)
logo
Inchange Semiconductor ...
3DD4515 ISC-3DD4515 Datasheet
207Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 400V(Min)
2SK610 ISC-2SK610 Datasheet
64Kb / 2P
Drain Source Voltage-: VDSS= 400V(Min)
2SK667 ISC-2SK667 Datasheet
64Kb / 2P
Drain Source Voltage-: VDSS= 400V(Min)
3DD7G ISC-3DD7G Datasheet
191Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 400V(Min)
BU807 ISC-BU807 Datasheet
199Kb / 2P
High Voltage: VCBO= 330V(Min)
BUY70A ISC-BUY70A Datasheet
195Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS) = 400V(Min)
logo
Diodes Incorporated
FCX458 DIODES-FCX458_17 Datasheet
499Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR
Rev 7
FCX558 DIODES-FCX558_17 Datasheet
495Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR
Rev 7
FCX558Q DIODES-FCX558Q Datasheet
588Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR
Rev 1
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com