Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU408 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BU408
Description  High Voltage: VCEV= 400V(Min)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BU408 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BU408 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BU408 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN Power Transistor
BU408
DESCRIPTION
·High Voltage: VCEV= 400V(Min)
·Fast Switching Speed-
: tf= 400ns(Max)
·Low Saturation Voltage-
: VCE(sat)= 1.0V(Max)@ IC= 6A
APPLICATIONS
·Designed for use in horizontal deflection output stages
of TV’s and CRT’s
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
400
V
VCEV
Collector-Emitter Voltage
400
V
VCEO
Collector-Emitter Voltage
200
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
7
A
ICP
Collector Current-Peak Repetitive
10
A
ICP
Collector Current- Peak (10ms)
15
A
IB
Base Current
4
A
PC
Collector Power Dissipation
@ TC=25℃
60
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-65~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
2.08
℃/W
Rth j-a
Thermal Resistance, Junction to Ambient
70
℃/W


Similar Part No. - BU408

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BU408 FAIRCHILD-BU408 Datasheet
47Kb / 5P
High Voltage Switching
logo
Savantic, Inc.
BU408 SAVANTIC-BU408 Datasheet
89Kb / 3P
Silicon NPN Power Transistors
logo
Central Semiconductor C...
BU408 CENTRAL-BU408 Datasheet
54Kb / 1P
NPN SLICON POWER TRANSISTOR JEDEC TO-220 CASE
logo
Savantic, Inc.
BU408 SAVANTIC-BU408 Datasheet
91Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BU408 NJSEMI-BU408 Datasheet
131Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - BU408

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S942 SSOUSA-S942 Datasheet
248Kb / 7P
High Blocking Voltage (800V MIN)
logo
Inchange Semiconductor ...
3DD4515 ISC-3DD4515 Datasheet
207Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 400V(Min)
2SK610 ISC-2SK610 Datasheet
64Kb / 2P
Drain Source Voltage-: VDSS= 400V(Min)
2SK667 ISC-2SK667 Datasheet
64Kb / 2P
Drain Source Voltage-: VDSS= 400V(Min)
3DD7G ISC-3DD7G Datasheet
191Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 400V(Min)
BU807 ISC-BU807 Datasheet
199Kb / 2P
High Voltage: VCBO= 330V(Min)
BUY70A ISC-BUY70A Datasheet
195Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS) = 400V(Min)
logo
Diodes Incorporated
FCX458 DIODES-FCX458_17 Datasheet
499Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR
Rev 7
FCX558 DIODES-FCX558_17 Datasheet
495Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR
Rev 7
FCX558Q DIODES-FCX558Q Datasheet
588Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR
Rev 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com