Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK667 Datasheet (PDF) - Inchange Semiconductor Company Limited

Part # 2SK667
Description  Drain Source Voltage-: VDSS= 400V(Min)
File Size   64.53 Kbytes
Html View  1   2 
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK667 Datasheet (PDF) - Inchange Semiconductor Company Limited



Similar Part No. - 2SK667

ManufacturerPart #DatasheetDescription
logo
NEC
2SK660 NEC-2SK660 Datasheet
38Kb / 8P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK660 NEC-2SK660 Datasheet
39Kb / 2P
Field Effect Transistor
logo
Renesas Technology Corp
2SK660 RENESAS-2SK660 Datasheet
204Kb / 10P
JUNCTION FIELD EFFECT TRANSISTOR
2002
logo
Panasonic Semiconductor
2SK662 PANASONIC-2SK662 Datasheet
33Kb / 2P
Silicon N-Channel Junction FET
2SK662 PANASONIC-2SK662 Datasheet
84Kb / 3P
Silicon N-Channel Junction FET
More results


Similar Description - 2SK667

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N3970 NJSEMI-2N3970 Datasheet
164Kb / 1P
DRAIN-SOURCE VOLTAGE
2N5265 NJSEMI-2N5265 Datasheet
157Kb / 1P
DRAIN-SOURCE VOLTAGE
BUZ80A NJSEMI-BUZ80A Datasheet
88Kb / 3P
Drain source voltage
logo
Vincotech
V23990-P622-F74-D1-14 VINCOTECH-V23990-P622-F74-D1-14 Datasheet
600Kb / 11P
Drain to source voltage
logo
Inchange Semiconductor ...
2SK610 ISC-2SK610 Datasheet
64Kb / 2P
Drain Source Voltage-: VDSS= 400V(Min)
2SK617 ISC-2SK617 Datasheet
67Kb / 2P
Drain Source Voltage-: VDSS= 800V(Min)
2SK627 ISC-2SK627 Datasheet
64Kb / 2P
Drain Source Voltage-: VDSS= 50V(Min)
2SK629 ISC-2SK629 Datasheet
64Kb / 2P
Drain Source Voltage-: VDSS= 100V(Min)
BU408 ISC-BU408 Datasheet
190Kb / 2P
High Voltage: VCEV= 400V(Min)
logo
New Jersey Semi-Conduct...
ZVN0106A NJSEMI-ZVN0106A Datasheet
85Kb / 1P
Drain-source voltage
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com