Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK851 Datasheet (PDF) - Inchange Semiconductor Company Limited

Part # 2SK851
Description  Drain Current ?밒D=30A@ TC=25C
File Size   66.1 Kbytes
Html View  1   2 
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK851 Datasheet (PDF) - Inchange Semiconductor Company Limited



Similar Part No. - 2SK851

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK850 ISC-2SK850 Datasheet
66Kb / 2P
Drain Current ?밒D=40A@ TC=25C
logo
Renesas Technology Corp
2SK852 RENESAS-2SK852 Datasheet
325Kb / 6P
JUNCTION FIELD EFFECT TRANSISTOR
1987
2SK853 RENESAS-2SK853 Datasheet
347Kb / 6P
JNCTION FIELD EFFECT TRANSISTORS
1987
2SK853A RENESAS-2SK853A Datasheet
347Kb / 6P
JNCTION FIELD EFFECT TRANSISTORS
1987
logo
NEC
2SK854 NEC-2SK854 Datasheet
131Kb / 3P
FAST SWITCHING N-CHANNEL SILICON POWER MOS FET
More results


Similar Description - 2SK851

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
12N65 ISC-12N65 Datasheet
136Kb / 2P
Drain Current ?밒D= 12A@ TC=25C
65N06 ISC-65N06 Datasheet
136Kb / 2P
Drain Current ?밒D=63A@ TC=25C
2SK529 ISC-2SK529 Datasheet
66Kb / 2P
Drain Current ?밒D=2A@ TC=25C
75NF75 ISC-75NF75 Datasheet
111Kb / 2P
Drain Current ?밒D= 80A@ TC=25C
2SK1020 ISC-2SK1020 Datasheet
68Kb / 2P
Drain Current ?밒D=30A@ TC=25C
2SK1454 ISC-2SK1454 Datasheet
67Kb / 2P
Drain Current ?밒D=30A@ TC=25C
2SK1519 ISC-2SK1519 Datasheet
67Kb / 2P
Drain Current ?밒D=30A@ TC=25C
2SK1520 ISC-2SK1520 Datasheet
67Kb / 2P
Drain Current ?밒D=30A@ TC=25C
2SK1675 ISC-2SK1675 Datasheet
67Kb / 2P
Drain Current ?밒D=30A@ TC=25C
2SK1676 ISC-2SK1676 Datasheet
67Kb / 2P
Drain Current ?밒D=30A@ TC=25C
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com