Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10D020CIVS Datasheet (PDF) - Texas Instruments

Part # ADC10D020CIVS
Description  ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
File Size   1926.3 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D020CIVS Datasheet (PDF) - Texas Instruments



Similar Part No. - ADC10D020CIVS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10D020CIVS NSC-ADC10D020CIVS Datasheet
767Kb / 32P
Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC10D020CIVS TI1-ADC10D020CIVS Datasheet
1Mb / 40P
ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVSX TI1-ADC10D020CIVSX Datasheet
1Mb / 40P
ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
More results


Similar Description - ADC10D020CIVS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
10-BIT, 20 MSPS, 140 mW A/D CONVERTER
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
National Semiconductor ...
ADC10D020 NSC-ADC10D020 Datasheet
767Kb / 32P
Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
14-Bit, 20 MSPS, 150 mW A/D Converter
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
10-BIT, 20 MSPS, 140 mW A/D CONVERTER
SPT7852 CADEKA-SPT7852 Datasheet
175Kb / 11P
DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD876JST AD-AD876JST Datasheet
338Kb / 16P
10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
14-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020 TI1-ADC10D020_14 Datasheet
1Mb / 40P
ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com