Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7852 Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT7852 Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT7852
Download  SPT7852 Download
File Size   175.06 Kbytes
Page   11 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER

SPT7852 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT7852 Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT7852
Download  SPT7852 Click to download

File Size   175.06 Kbytes
Page   11 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER

SPT7852 Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT7852 Product details

GENERAL DESCRIPTION
The SPT7852 has two 10-Bit CMOS analog-to-digital converters that can sample data at speeds up to 20 MSPS. It has excellent low noise performance with a very low typical power dissipation of only 160 mW—that’s the total power for both converters. The SPT7852 uses a dual configuration of the proprietary circuit design found in our 10-bit CMOS single converter family, to achieve its high performance in a CMOS process.

FEATURES
• Dual 10-Bit/20 MSPS Analog-to-Digital Converter
• Monolithic CMOS
• Internal Track-and-Hold
• Low Power Dissipation: 160 mW
• 4 Vp-p Analog Input Range for Each ADC
• Single +5 Volt Power Supply with Option for 3.3 V Digital Outputs
• Tri-State, TTL-Compatible Outputs
• Overrange Bit
• Selectable Two’s Complement or Straight Binary Output

APPLICATIONS
• Video Set-Top Boxes
• Cellular Base Stations
• QPSK/QAM RF Demodulation
• S-Video Digitizers
• Composite Video Digitizers
• Portable and Handheld Instrumentation




Similar Part No. - SPT7852

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
SPT7852SCT FAIRCHILD-SPT7852SCT Datasheet
67Kb / 11P
DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
SPT7852SCU FAIRCHILD-SPT7852SCU Datasheet
67Kb / 11P
DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
SPT7852SIT FAIRCHILD-SPT7852SIT Datasheet
67Kb / 11P
DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
More results


Similar Description - SPT7852

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD876 AD-AD876 Datasheet
335Kb / 16P
10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV.B
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
National Semiconductor ...
ADC10D020 NSC-ADC10D020 Datasheet
767Kb / 32P
Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD876JST AD-AD876JST Datasheet
338Kb / 16P
10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876_15 Datasheet
338Kb / 16P
10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com