Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7852 Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # SPT7852
Description  DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7852 Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button SPT7852 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
1/12/00
SPT7852
CALIBRATION
The SPT7852 uses an auto-calibration scheme to ensure
10-bit accuracy over time and temperature. Gain and offset
errors are continually adjusted to 10-bit accuracy during de-
vice operation. This process is completely transparent to the
user.
Upon powerup, the SPT7852 begins its calibration algo-
rithm. In order to achieve the calibration accuracy required,
the offset and gain adjustment step size is a fraction of a 10-
bit LSB. Since the calibration algorithm is an oversampling
process, a minimum of 10k clock cycles are required. This
results in a minimum calibration time upon powerup of 250
µsec (for a 20 MHz sample rate). Once calibrated, the
SPT7852 remains calibrated over time and temperature.
Since the calibration cycles are initiated on the rising edge
of the clock, the clock must be continuously applied for the
SPT7852 to remain in calibration.
INPUT PROTECTION
All I/O pads are protected with an on-chip protection circuit
shown in figure 7. This circuit provides ESD robustness to
3.5 kV and prevents latch-up under severe discharge condi-
tions without degrading analog transition times.
Figure 7 – On-Chip Protection Circuit
VDD
Analog
Pad
120
Ω
120
Ω
POWER SUPPLY SEQUENCING
CONSIDERATIONS
All logic inputs should be held low until power to the device
has settled to the specific tolerances. Avoid power decou-
pling networks with large time constants which could delay
VDD power to the device.
DIGITAL OUTPUTS, DATA VALID,
AND MSB INVERT
The output data for both channels can be latched using the
rising edge of Data Valid (DAV). Refer to table II for mini-
mum data setup and hold times. The format of the data is
straight binary when the MSB Invert pin (MSBINV) is held
low and Two’s Complement format when MSB Invert is
high.
OVERRANGE OUTPUT
An OVERRANGE OUTPUT from D10A or D10B is an indi-
cation that the analog input signal has exceeded the posi-
tive full-scale input voltage by 1 LSB. When this condition
occurs, D10A/B will switch to logic 1. All other data outputs
(D0A/B to D9A/B) will remain at logic 1 as long as D10A/B
remains at logic 1. This feature makes it possible to include
the SPT7852 in higher resolution systems.
Table III – Output Data Information (Binary Code)
Output Code
Output Code
Overrange
(MSBINV=0)
(MSBINV=1)
Analog Input
D10A/B
D9A/B–D0A/B
D9A/B–D0A/B
+FS + 1/2 LSB
1
1 1 1111 1 1 1 1
01 1111 1 1 1 1
+FS – 1/2 LSB
0
1 1 1111 111Ø
01 1111 111Ø
[+FS –(–FS)]/2
0
ØØ ØØØØ ØØØØ
ØØ ØØØØ ØØØØ
–FS + 1/2 LSB
0
00 0000 000Ø
10 0000 000Ø
–FS
0
00 0000 0000
10 0000 0000
Ø indicates the flickering bit between logic 0 and 1.
+FS = VRHS; –FS = VRLS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com