Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7852 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT7852
Description  DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7852 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT7852 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
1/12/00
SPT7852
ELECTRICAL SPECIFICATIONS
TA=TMIN to TMAX, AVDD = DVDD = +5.0 V, VIN =0 to 4 V, ƒS =20 MSPS, ƒCLK =40 MHz, VRHS = 4.0 V, VRLS =0.0 V, unless otherwise specified.
TEST
TEST
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Dynamic Performance
Signal-to-Noise Ratio
(without Harmonics)
ƒIN=3.58 MHz
VI
53
57
dB
ƒIN=10 MHz
VI
52
56
dB
Harmonic Distortion
ƒIN=3.58 MHz
VI
56
59
dB
ƒIN=10 MHz
VI
52
54
dB
Signal-to-Noise and Distortion
(SINAD)
ƒIN=3.58 MHz
VI
52
55
dB
ƒIN=10 MHz
VI
49
52
dB
Channel-to-Channel Crosstalk
ƒIN=3.58 MHz
IV
70
dB
Channel-to-Channel Gain Matching Full Scale
IV
0.04
dB
Spurious Free Dynamic Range
ƒIN=3.58 MHz @ –3 dB FS
V
66
dB
Differential Phase
V
0.2
Degree
Differential Gain
V
0.3
%
Digital Inputs
Logic "1" Voltage
VI
2.0
V
Logic "0" Voltage
VI
0.8
V
Maximum Input Current Low
VIL=0 V
VI
–10
+10
µA
Maximum Input Current High
VIH=5 V
VI
–10
+10
µA
Input Capacitance
V
5
pF
Digital Outputs
Logic "1" Voltage
IOH=0.5 mA
VI
OVDD–0.5
V
Logic "0" Voltage
IOS=1.6 mA
VI
0.4
V
tRISE/tFALL
15 pF Load
V
10
ns
Output Enable to Data Output Delay
20 pF Load, TA=+25 °C
V
10
ns
50 pF Load Over Temp.
V
22
ns
Power Supply Requirements
Voltages DVDD
IV
4.75
5.0
5.25
V
AVDD
IV
4.75
5.0
5.25
V
OVDD
IV
2.7
5.0
5.25
V
Currents AIDD
Total for Both Converter
VI
15
18
mA
DIDD
Channels
VI
17
20
mA
Power Dissipation
VI
160
190
mW
TEST LEVEL CODES
All electrical characteristics are subject to the follow-
ing conditions:
All parameters having min/max specifications are
guaranteed. The Test Level column indicates the
specific device testing actually performed during
production and Quality Assurance inspection. Any
blank section in the data column indicates that the
specification is not tested at the specified condition.
TEST PROCEDURE
100% production tested at the specified temperature.
100% production tested at TA=+25 °C, and sample tested at
the specified temperatures.
QA sample tested only at the specified temperatures.
Parameter is guaranteed (but not tested) by design and char-
acterization data.
Parameter is a typical value for information purposes only.
100% production tested at TA = +25 °C. Parameter is guaran-
teed over specified temperature range.
TEST LEVEL
I
II
III
IV
V
VI



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com