Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7852 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # SPT7852
Description  DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7852 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  SPT7852 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
1/12/00
SPT7852
1. Place the ferrite bead (*) as close to the ADC as possible.
2. Place 0.1
µF decoupling capacitors as close to the ADC as possible.
3. All capacitors are 0.1
µF surface-mount unless otherwise specified.
4. All analog input pins (references, analog input, clock input) must
be protected. (See absolute maximum ratings.)
11
VRHF
VRHS
VIN1
VIN2
Clock
Ref In
(+4 V)
VRLS
VRLF
VCAL
VINA
VINB
CLK
.1
µF
.1
µF
4.7
µF
4.7
µF
+A5
Interfacing
Logic
11
3.3 V/5 V
FB
*
+A5
MSBINV
Reset
Digital
Output A
Digital
Output B
DAV
SPT7852
AVDD DVDD
GND
OVDD
+A5
EN
EN
3-st
FB
*
Figure 1 –Typical Interface Circuit
TYPICAL INTERFACE CIRCUIT
Very few external components are required to achieve the
stated device performance. Figure 1 shows the typical inter-
face requirements when using the SPT7852 in normal
circuit operation. The following sections provide descrip-
tions of the major functions and outline critical performance
criteria to consider for achieving the optimal device perfor-
mance.
POWER SUPPLIES AND GROUNDING
ply voltages on the SPT7852 be derived from a single ana-
log supply as shown in figure 1. A separate digital supply
using this power supply configuration to prevent a possible
latch-up condition on powerup.
CADEKA suggests that both the digital and the analog sup-
must be used for all interface circuitry. CADEKA suggests



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com