Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7852 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT7852
Description  DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7852 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT7852 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SPT7852
DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
FEATURES
• Dual 10-Bit/20 MSPS Analog-to-Digital Converter
• Monolithic CMOS
• Internal Track-and-Hold
• Low Power Dissipation: 160 mW
• 4 Vp-p Analog Input Range for Each ADC
• Single +5 Volt Power Supply
with Option for 3.3 V Digital Outputs
• Tri-State, TTL-Compatible Outputs
• Overrange Bit
• Selectable Two’s Complement or Straight Binary Output
APPLICATIONS
• Video Set-Top Boxes
• Cellular Base Stations
• QPSK/QAM RF Demodulation
• S-Video Digitizers
• Composite Video Digitizers
• Portable and Handheld Instrumentation
Overrange
DA0-9
Overrange
DB0-9
ADCA
Reference
Ladder
ADCB
Timing
Generation
Output
Buffer
Output
Buffer
10
10
VINB
MSB
Invert
Clock
Output
Enable
VINA
Reference In
Reset
T/H
T/H
BLOCK DIAGRAM
GENERAL DESCRIPTION
The SPT7852 has two 10-Bit CMOS analog-to-digital con-
verters that can sample data at speeds up to 20 MSPS. It
has excellent low noise performance with a very low typical
power dissipation of only 160 mW—that’s the total power
for
both converters. The SPT7852 uses a dual configuration
of the proprietary circuit design found in our 10-bit CMOS
single converter family, to achieve its high performance in a
CMOS process.
The SPT7852 is specifically designed for video decoding
applications and is ideal for S-video decoding and decoding
of multiple composite video sources. It also has excellent
application in the area of coherent I/Q demodulation in such
applications as QAM demodulation and TV set-top box con-
verters.
Inputs and outputs are TTL/CMOS-compatible to interface
with TTL/CMOS-logic systems. Output data format is select-
able for either straight binary or two’s complement. The
SPT7852 is available in a 44L TQFP package in commercial
and industrial temperature ranges. It is also available in die
form. For availability of extended temperature ranges,
please contact the factory.


Similar Part No. - SPT7852

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
SPT7852SCT FAIRCHILD-SPT7852SCT Datasheet
67Kb / 11P
DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
SPT7852SCU FAIRCHILD-SPT7852SCU Datasheet
67Kb / 11P
DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
SPT7852SIT FAIRCHILD-SPT7852SIT Datasheet
67Kb / 11P
DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
More results

Similar Description - SPT7852

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD876 AD-AD876 Datasheet
335Kb / 16P
10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV.B
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
National Semiconductor ...
ADC10D020 NSC-ADC10D020 Datasheet
767Kb / 32P
Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD876JST AD-AD876JST Datasheet
338Kb / 16P
10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876_15 Datasheet
338Kb / 16P
10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com