Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7852 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT7852
Description  DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7852 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT7852 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
1/12/00
SPT7852
ELECTRICAL SPECIFICATIONS FOR EACH CHANNEL
TA = TMIN to TMAX, AVDD = DVDD = +5.0 V, VIN =0 to 4 V, ƒS =20 MSPS, ƒCLK =40 MHz, VRHS =4.0 V, VRLS =0.0 V, unless otherwise specified.
TEST
TEST
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Resolution
10
Bits
DC Accuracy
Integral Nonlinearity
IV
±1.0
LSB
Differential Nonlinearity
IV
±1.0
LSB
Analog Input
Input Voltage Range
V
VRLS
VRHS
V
Input Resistance
V
50
k
Ω
Input Capacitance
V
5.0
pF
Input Bandwidth
Full Power
V
35
MHz
Offset
VI
±2.0
LSB
Gain Error
VI
±2.0
LSB
Reference Input
Resistance
VRHS – VRLS
VI
350
425
500
Ω
Voltage Range
VRLS
IV
0
-
2.0
V
VRHS
IV
3.0
-
AVDD
V
VRHS – VRLS
V
1.0
4.0
5.0
V
∆(VRHF – VRHS)
V
150
mV
∆(VRLS – VRLF)
V
150
mV
Conversion Characteristics
Maximum Conversion Rate1
VI
20
MHz
Minimum Conversion Rate1
IV
100
kHz
Pipeline Delay (Latency)
IV
12
Clock Cycles
Aperture Delay Time
V
5
ns
Aperture Jitter Time
V
15
ps
Dynamic Performance
Effective Number of Bits
ƒIN=3.58 MHz
VI
8.4
8.9
Bits
ƒIN= 10 MHz
VI
7.9
8.4
Bits
1
2X Clock required.
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25
°C
Supply Voltages
AVDD ......................................................................... +6 V
DVDD ......................................................................... +6 V
Input Voltages
Analog Input ................................. –0.5 V to AVDD +0.5 V
VRef .............................................. –1.5 V to AVDD +0.8 V
CLK Input ................................................................... VDD
AVDD – DVDD ...................................................... ±100 mV
Output
Digital Outputs ....................................................... 10 mA
Temperature
Operating Temperature ................................... 0 to 70
°C
Junction Temperature ........................................... 175
°C
Lead Temperature, (soldering 10 seconds) .......... 300
°C
Storage Temperature ............................... –65 to +150
°C
Note:
1.
Operation at any Absolute Maximum Rating is not implied. See Electrical Specifications for proper nominal
applied conditions in typical applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com