Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6652 Datasheet (PDF) - Exar Corporation

Part # SP6652
Description  1A, High Efficiency, Fixed 1.4 MHz
File Size   965.6 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6652 Datasheet (PDF) - Exar Corporation



Similar Part No. - SP6652

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6652 SIPEX-SP6652 Datasheet
201Kb / 11P
1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
SP6652 SIPEX-SP6652 Datasheet
1Mb / 16P
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
SP6652EB SIPEX-SP6652EB Datasheet
87Kb / 4P
Evaluation Board Manual
SP6652ER SIPEX-SP6652ER Datasheet
201Kb / 11P
1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
SP6652ER SIPEX-SP6652ER Datasheet
1Mb / 16P
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
More results


Similar Description - SP6652

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
HER101 LRC-HER101 Datasheet
61Kb / 2P
1A HIGH EFFICIENCY GPP DIODES
logo
Sipex Corporation
SP6652 SIPEX-SP6652_07 Datasheet
1Mb / 16P
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
logo
Microchip Technology
MCP1612 MICROCHIP-MCP1612 Datasheet
315Kb / 22P
Single 1A, 1.4 MHz Synchronous Buck Regulator
2005
logo
Silicon Standard Corp.
HER1001 SSC-HER1001 Datasheet
404Kb / 2P
1A Axial High Efficiency Rectifier
logo
Microchip Technology
MCP1612 MICROCHIP-MCP1612_13 Datasheet
333Kb / 22P
Single 1A, 1.4 MHz Synchronous Buck Regulator
2004-2013
MCP1612T-ADJI MICROCHIP-MCP1612T-ADJI Datasheet
249Kb / 22P
Single 1A, 1.4 MHz Synchronous Buck Regulator
08/24/05
logo
List of Unclassifed Man...
ZSPM4011B ETC2-ZSPM4011B Datasheet
1Mb / 23P
High Efficiency 1A Synchronous Buck Converter
logo
Cyntec Co., Ltd.
VUN12AD01-SH CYNTEC-VUN12AD01-SH Datasheet
779Kb / 15P
1A, High Efficiency Automotive uPOL Module
logo
List of Unclassifed Man...
DIO6011 ETC1-DIO6011 Datasheet
369Kb / 4P
High-Efficiency 1.5MHz, MHz, 1A Output Synchronous A Step Down Converter
Rev. 1.3
logo
Renesas Technology Corp
ZSPM4011B RENESAS-ZSPM4011B Datasheet
829Kb / 22P
High Efficiency 1A Synchronous Buck Converter
January 27, 2016
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com