Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR3077XID-F Datasheet (PDF) - Exar Corporation

Part # XR3077XID-F
Description  LOW POWER 18V TOLERANT RS-485/RS-422 3.3V TRANSCEIVERS
File Size   547.19 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR3077XID-F Datasheet (PDF) - Exar Corporation



Similar Part No. - XR3077XID-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XR3000 ETC2-XR3000 Datasheet
358Kb / 3P
USER FRIENDLY WEB INTERFACE
logo
Exar Corporation
XR3080-88X EXAR-XR3080-88X Datasheet
834Kb / 24P
HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
XR3080XED-F EXAR-XR3080XED-F Datasheet
834Kb / 24P
HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
XR3080XID-F EXAR-XR3080XID-F Datasheet
834Kb / 24P
HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
XR3081XED-F EXAR-XR3081XED-F Datasheet
834Kb / 24P
HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
More results


Similar Description - XR3077XID-F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
Multipoint RS-485/RS-422 Transceivers
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
171Kb / 11P
3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
3.3V Low Power RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485 Datasheet
477Kb / 11P
3.3V, Low Power, 30Mbps, RS-485/RS-422
January 2004
ISL43485 INTERSIL-ISL43485_05 Datasheet
480Kb / 11P
3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
March 15, 2005
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
RS-485/RS-422 Transceivers
June 10, 2008
logo
Exar Corporation
XR33032 EXAR-XR33032 Datasheet
403Kb / 19P
WIDE SUPPLY 18V TOLERANT RS-485/RS-422 TRANSCEIVERS
XR3080-88X EXAR-XR3080-88X Datasheet
834Kb / 24P
HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
RS-485/RS-422 Transceivers
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com