Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7350 Datasheet (PDF) - Supertex, Inc

Part # HV7350
Description  Eight-Channel, High Speed, 짹60V, 짹1.0A, Ultrasound RTZ Pulser
File Size   579.75 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7350 Datasheet (PDF) - Supertex, Inc



Similar Part No. - HV7350

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV7350 MICROCHIP-HV7350 Datasheet
567Kb / 16P
8-Channel High-Speed 짹60V 짹1A Ultrasound RTZ Pulser
06/23/16
HV7350K6-G MICROCHIP-HV7350K6-G Datasheet
567Kb / 16P
8-Channel High-Speed 짹60V 짹1A Ultrasound RTZ Pulser
06/23/16
HV7350K6-G-M937 MICROCHIP-HV7350K6-G-M937 Datasheet
567Kb / 16P
8-Channel High-Speed 짹60V 짹1A Ultrasound RTZ Pulser
06/23/16
More results


Similar Description - HV7350

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
High Speed 짹100V 3.0A Ultrasound Pulser
HV758 SUTEX-HV758 Datasheet
656Kb / 7P
Quad High Speed 짹90V 2.2A Ultrasound Pulser
HV738 SUTEX-HV738 Datasheet
587Kb / 7P
Quad High Speed 짹65V 750mA Ultrasound Pulser
HV7355 SUTEX-HV7355 Datasheet
688Kb / 9P
Eight Channel, High Speed, Unipolar, Ultrasound Pulser 1.5A 150V
HV7355 SUTEX-HV7355_14 Datasheet
449Kb / 8P
Eight Channel, High Speed, Unipolar, Ultrasound Pulser 1.5A 150V
HV7331 SUTEX-HV7331 Datasheet
804Kb / 9P
Four Channel, High Speed 짹70V 2.0A Ultrasound RTZ Pulser
HV748 SUTEX-HV748_12 Datasheet
717Kb / 8P
Four-Channel, High Speed, 짹75V 1.25A Ultrasound Pulser
HV738 SUTEX-HV738_11 Datasheet
672Kb / 8P
Four-Channel, High Speed, 짹65V 750mA Ultrasound Pulser
logo
Microchip Technology
HV7350 MICROCHIP-HV7350 Datasheet
567Kb / 16P
8-Channel High-Speed 짹60V 짹1A Ultrasound RTZ Pulser
06/23/16
logo
STMicroelectronics
STHV800 STMICROELECTRONICS-STHV800 Datasheet
314Kb / 5P
Octal ±90 V, ±2 A, 3-level RTZ, high-speed ultrasound pulser
07-Apr-2014
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com