| Manufacturer | Part # | Datasheet | Description |
 Cree, Inc |
MX3SWT-A1-0000-000E51
|
988Kb / 10P |
Cree XLamp MX-3S LEDs
Rev 0 |
|
MX6SWT-A1-0000-000F51
|
999Kb / 10P |
Cree XLamp MX-6S LEDs
Rev 1 |
|
XTEAWT-00-0000-000000F51
|
1Mb / 17P |
XLamp XT-E LEDs
Rev 10C |
|
XHP35
|
2Mb / 37P |
Cree XLamp XHP35 LEDs
Rev 1A |
|
XM-L2
|
1Mb / 14P |
Cree XLamp XM-L2 LEDs
Rev 6F |
|
XP-G3
|
2Mb / 33P |
Cree XLamp XP-G3 LEDs
Rev 0E |
|
XP-L
|
2Mb / 35P |
Cree XLamp XP-L LEDs
Rev 4D |
|
XQ-E
|
2Mb / 31P |
Cree XLamp XQ-E LEDs
Rev 7A |
|
XT-E-HV
|
2Mb / 26P |
XLamp XT-E High-Voltage White LEDs
REV 14 |
|
XPEWHT-L1-0000-00C01
|
2Mb / 44P |
Cree® XLamp® XP-E LEDs
2008-2018 |