Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FB10 Datasheet (PDF) - Japan Aviation Electronics Industry, Ltd.

Part # FB10
Description  0.3mm Pitch, 0.9mm Height FPC Connector
File Size   180.54 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FB10 Datasheet (PDF) - Japan Aviation Electronics Industry, Ltd.



Similar Part No. - FB10

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
FB10 SEI-FB10 Datasheet
762Kb / 17P
Multilayer Ferrite Chip Bead Inductor
04/28/2020
logo
FLEXTRAL
FB10 FLEXTRAL-FB10 Datasheet
310Kb / 1P
FB10 Food Transfer Hose
V04.21
FB10-150 FLEXTRAL-FB10-150 Datasheet
310Kb / 1P
FB10 Food Transfer Hose
V04.21
FB10-200 FLEXTRAL-FB10-200 Datasheet
310Kb / 1P
FB10 Food Transfer Hose
V04.21
FB10-250 FLEXTRAL-FB10-250 Datasheet
310Kb / 1P
FB10 Food Transfer Hose
V04.21
More results


Similar Description - FB10

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH16-60S-0.3SHW HIROSE-FH16-60S-0.3SHW Datasheet
321Kb / 8P
High Density FPC Connector (0.3mm/0.4mm/0.5mm Pitch)
FH18-17S-0.3SHW HIROSE-FH18-17S-0.3SHW Datasheet
275Kb / 8P
Low Profile 0.3mm Pitch Connectors For FPC
logo
DDK Ltd.
FF22E-084B-R13A DDK-FF22E-084B-R13A Datasheet
244Kb / 3P
0.3mm Pitch Solid Back Lock FPC Connector
logo
Japan Aviation Electron...
FF02S JAE-FF02S Datasheet
170Kb / 8P
0.3mm Pitch Connector for FPC
logo
Panasonic Semiconductor
AYF330735 PANASONIC-AYF330735 Datasheet
572Kb / 10P
FPC connectors (0.3mm pitch) Back lock Y3B/Y3BW Series
AYF321515 PANASONIC-AYF321515 Datasheet
357Kb / 7P
FPC connectors (0.3mm pitch) Front lock without FPC tabs
logo
Japan Aviation Electron...
FB10S033JA2R6000 JAE-FB10S033JA2R6000 Datasheet
369Kb / 1P
FB10S0 JAE 0.3mm PITCH FPC CONECTOR
FB8 JAE-FB8 Datasheet
144Kb / 4P
0.3mm Pitch Upper Contact One-touch connector for FPC
logo
Hirose Electric
FH18 HIROSE-FH18 Datasheet
226Kb / 8P
Low Profile 0.3mm Pitch Connectors For FPC
BK10 HIROSE-BK10 Datasheet
694Kb / 11P
0.3mm Pitch, 0.5mm Stacking Height, Fully Armored, Hybrid FPC-to-Board Connector
May 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com