Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABA-011014 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # MABA-011014
Description  Transformer, 1:1 Transmission Line 45 - 1200 MHz
File Size   761.12 Kbytes
Html View  1   2   3   4   5 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-011014 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - MABA-011014

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-011010 MA-COM-MABA-011010 Datasheet
729Kb / 4P
Excellent temperature stability
MABA-011010-TB MA-COM-MABA-011010-TB Datasheet
729Kb / 4P
Excellent temperature stability
MABA-011013 MA-COM-MABA-011013 Datasheet
752Kb / 5P
Transformer, 1:1 Transmission Line with tertiary winding 45 - 1200 MHz
MABA-011013-TB MA-COM-MABA-011013-TB Datasheet
752Kb / 5P
Transformer, 1:1 Transmission Line with tertiary winding 45 - 1200 MHz
MABA-011015 MA-COM-MABA-011015 Datasheet
526Kb / 4P
Available on tape and reel
More results


Similar Description - MABA-011014

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0010 MACOM-MABACT0010 Datasheet
246Kb / 2P
1:1 Transmission line Transformer 4.5 - 3000 MHz
MABACT0044 MACOM-MABACT0044 Datasheet
80Kb / 4P
1:1 Transmission line Transformer 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MABACT0043 MA-COM-MABACT0043 Datasheet
131Kb / 3P
1:1 Transmission Line Transformer 5 to 1200 MHz
MABA-009210-CT1760 MA-COM-MABA-009210-CT1760 Datasheet
105Kb / 3P
1:1 Transmission Line Balun Transformer 50 - 1200 MHz
MABA-009231-CT1A4B MA-COM-MABA-009231-CT1A4B Datasheet
128Kb / 3P
Transformer, 1:1 transmission line balun 5 to 1200 MHz
MABA-009232-CT4A4B MA-COM-MABA-009232-CT4A4B Datasheet
134Kb / 3P
Transformer, 4:1 transmission line balun 5 to 1200 MHz
MABA-009691-CT1881 MA-COM-MABA-009691-CT1881 Datasheet
95Kb / 3P
Transformer, 1:1 Transmission Line Transformer 5 to 1200 MHz
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABA-011013 MA-COM-MABA-011013 Datasheet
752Kb / 5P
Transformer, 1:1 Transmission Line with tertiary winding 45 - 1200 MHz
MABA-011028 MA-COM-MABA-011028 Datasheet
621Kb / 5P
Transformer, 1:1 Transmission Line 600 - 1700 MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com