Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA6362-QXG Datasheet (PDF) - United Monolithic Semiconductors

Part # CHA6362-QXG
Description  17.7 - 19.7GHz Power Amplifier
File Size   1054.48 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA6362-QXG Datasheet (PDF) - United Monolithic Semiconductors



Similar Part No. - CHA6362-QXG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6356-QXG UMS-CHA6356-QXG Datasheet
657Kb / 16P
21.2 - 23.6GHz Power Amplifier
CHA6356-QXG UMS-CHA6356-QXG_15 Datasheet
657Kb / 16P
21.2 - 23.6GHz Power Amplifier
CHA6358-99F00 UMS-CHA6358-99F00 Datasheet
290Kb / 12P
GaAs Monolithic Microwave IC
More results


Similar Description - CHA6362-QXG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5290 UMS-CHA5290 Datasheet
118Kb / 6P
17.7-24GHz Medium Power Amplifier
logo
List of Unclassifed Man...
FMM5805GJ-1 ETC1-FMM5805GJ-1 Datasheet
235Kb / 4P
17.7-19.7GHz Power Amplifier MMIC
logo
Eudyna Devices Inc
FMM5811GJ-1 EUDYNA-FMM5811GJ-1 Datasheet
132Kb / 4P
17.7-23.6GHz Power Amplifier MMIC
FMM5815GJ-1 EUDYNA-FMM5815GJ-1 Datasheet
95Kb / 4P
17.7-19.7GHz Power Amplifier MMIC
logo
Tyco Electronics
MAAP-000072-PKG003 MACOM-MAAP-000072-PKG003 Datasheet
207Kb / 4P
Amplifier, Power, 1.3W 17.7-19.7 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5033 AVAGO-AMMC-5033 Datasheet
398Kb / 9P
17.7 - 32 GHz Power Amplifier
logo
Excelics Semiconductor,...
EIB1718-2P EXCELICS-EIB1718-2P Datasheet
46Kb / 1P
17.7-18.7GHz, Internally Matched Power FET
logo
RF Micro Devices
RFPA1702 RFMD-RFPA1702 Datasheet
911Kb / 9P
17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
logo
Broadcom Corporation.
AMMC-5033 BOARDCOM-AMMC-5033 Datasheet
371Kb / 9P
17.7 - 32 GHz Power Amplifier
logo
Renesas Technology Corp
F6922 RENESAS-F6922_V01 Datasheet
1Mb / 16P
Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
Jun 25, 2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com