Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDF869AN2S6 Datasheet (PDF) - Shoulder Electronics Limited.

Part # HDF869AN2S6
Description  Tensile Strength of Carrier Tape: 4.4N/mm width
File Size   495.22 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF869AN2S6 Datasheet (PDF) - Shoulder Electronics Limited.



Similar Part No. - HDF869AN2S6

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF869ANS6 SHOULDER-HDF869ANS6 Datasheet
163Kb / 8P
Low-Loss SAW Filter of cordless system
More results


Similar Description - HDF869AN2S6

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
REEL-DFN-6D AME-REEL-DFN-6D Datasheet
27Kb / 1P
(2x2x0.75mm) Carrier Width (W) 8.0-0.1 mm
REEL-DFN-8C AME-REEL-DFN-8C Datasheet
36Kb / 1P
(3x3x0.75mm) Carrier Width (W) 12.0-0.1 mm
REEL-DFN-10B AME-REEL-DFN-10B Datasheet
34Kb / 1P
(3x3x0.75mm) Carrier Width (W) 12.0-0.1 mm
REEL-MSOP-8 AME-REEL-MSOP-8 Datasheet
35Kb / 1P
Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-MSOP-8PP AME-REEL-MSOP-8PP Datasheet
27Kb / 1P
Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-MSOP-10PP AME-REEL-MSOP-10PP Datasheet
36Kb / 1P
Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-SC-70-4 AME-REEL-SC-70-4 Datasheet
43Kb / 1P
Carrier Width (W) 8.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-TO-263-2 AME-REEL-TO-263-2 Datasheet
34Kb / 1P
Carrier Width (W) 24.0-0.1 mm Pitch (P) 4.0-0.1 mm
logo
MICORO CRYSTAL SWITZERL...
CM7V-T1A-0.4 MICROCRYSTAL-CM7V-T1A-0.4 Datasheet
52Kb / 1P
8 mm Carrier-Tape
logo
Shoulder Electronics Li...
HDF374ES4 SHOULDER-HDF374ES4 Datasheet
380Kb / 9P
Tensile Strength of Carrier Tape: 4.4N/mm width
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com