Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOT-23-5LLP Datasheet (PDF) - Alpha & Omega Semiconductors

Part # SOT-23-5LLP
Description  DIMENSION "L" IS MEASURED IN GAUGE PLANE
File Size   214.25 Kbytes
Html View  1 
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

SOT-23-5LLP Datasheet (PDF) - Alpha & Omega Semiconductors



Similar Part No. - SOT-23-5LLP

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
SOT-23-5L AOSMD-SOT-23-5L Datasheet
78Kb / 1P
SOT23 5L/6L Carrier tape
More results


Similar Description - SOT-23-5LLP

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-01CEUV3WC-1A2 A-BRIGHT-AL-01CEUV3WC-1A2 Datasheet
312Kb / 7P
Lead spacing is measured where the leads emerge from the package
logo
Alpha & Omega Semicondu...
DFN1.2X1.1_6L AOSMD-DFN1.2X1.1_6L Datasheet
64Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
QFN2.6X1.8_16L AOSMD-QFN2.6X1.8_16L Datasheet
66Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
TO220 AOSMD-TO220 Datasheet
98Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
TO247 AOSMD-TO247 Datasheet
50Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER.
TO252 AOSMD-TO252 Datasheet
20Kb / 1P
DIMENSION L IS MEASURED IN GAUGE PLANE
TO263 AOSMD-TO263 Datasheet
110Kb / 1P
Dimension L is Measured in gaguge line
logo
Analog Devices
ADXRS910 AD-ADXRS910 Datasheet
94Kb / 2P
Rollover Detection In-Plane Gyroscope
logo
Festo Corporation.
542117 FESTO-542117 Datasheet
75Kb / 2P
Measured-value transducer
4/20/22
542118 FESTO-542118 Datasheet
76Kb / 2P
Measured-value transducer
4/20/22
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com