Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPB009N03L Datasheet (PDF) - Infineon Technologies AG

Part # IPB009N03L
Description  OptiMOS짧3 Power-Transistor, 30 V
File Size   1092.92 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB009N03L Datasheet (PDF) - Infineon Technologies AG



Similar Part No. - IPB009N03L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB009N03LG INFINEON-IPB009N03LG Datasheet
500Kb / 9P
OptiMOS3 Power Transistor
2010-05-19 revision:1.3
More results


Similar Description - IPB009N03L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB30H30CT-1 ONSEMI-MBRB30H30CT-1 Datasheet
58Kb / 6P
SWITCHMODE Power Rectifier 30 V, 30 A
April, 2006 ??Rev. 0
MBRB30H30CT-1 ONSEMI-MBRB30H30CT-1_07 Datasheet
59Kb / 6P
SWITCHMODE Power Rectifier 30 V, 30 A
March, 2007 ??Rev. 1
logo
Infineon Technologies A...
IPT210N25NFD INFINEON-IPT210N25NFD Datasheet
1,005Kb / 10P
OptiMOS짧3 Power-Transistor, 250 V
Rev.2.0,2016-01-11
IPT111N20NFD INFINEON-IPT111N20NFD Datasheet
1,010Kb / 10P
OptiMOS짧3 Power-Transistor, 200 V
Rev.2.1,2016-02-23
BSF450NE7NH3G INFINEON-BSF450NE7NH3G Datasheet
1Mb / 14P
OptiMOS짧3 Power-MOSFET, 75 V
Rev.2.2,2015-03-30
BSC005N03LS5I INFINEON-BSC005N03LS5I Datasheet
1Mb / 12P
OptiMOSTM 5 Power-Transistor, 30 V
Rev.2.0,2020-04-16
BSC005N03LS5 INFINEON-BSC005N03LS5 Datasheet
2Mb / 12P
OptiMOSTM 5 Power-Transistor, 30 V
Rev.2.1 2020-12-22
IQE008N03LM5CG INFINEON-IQE008N03LM5CG Datasheet
1Mb / 12P
OptiMOS 5 power-Transistor, 30 V
Rev.2.0, 2021-04-28
IQE008N03LM5 INFINEON-IQE008N03LM5 Datasheet
1Mb / 12P
OptiMOS 5 power-Transistor, 30 V
Rev. 2.0, 2021-04-28
IQDH35N03LM5CG INFINEON-IQDH35N03LM5CG Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 30 V
Rev. 2.1, 2023-03-29
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com