Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCD2100 Datasheet (PDF) - IXYS Corporation

Part # NCD2100
Description  Wide capacitance range of 6.6pF to 37.553pF
File Size   347.55 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

NCD2100 Datasheet (PDF) - IXYS Corporation



Similar Part No. - NCD2100

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
NCD2 CIT-NCD2 Datasheet
252Kb / 3P
CIT SWITCH
logo
NIC-Components Corp.
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
Ceramic Disc Capacitors
logo
ON Semiconductor
NCD225E75F8M1 ONSEMI-NCD225E75F8M1 Datasheet
213Kb / 4P
Extremefast Diode Die with Sinterable Top Metal 750 V, 225 A
February, 2020 ??Rev. 0
logo
IXYS Corporation
NCD2400M IXYS-NCD2400M Datasheet
409Kb / 22P
Wide Capacitance Range, Non-volatile Digital Programmable Capacitor
NCD2400M1TR IXYS-NCD2400M1TR Datasheet
409Kb / 22P
Wide Capacitance Range, Non-volatile Digital Programmable Capacitor
More results


Similar Description - NCD2100

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTR-3208E LITEON-LTR-3208E Datasheet
102Kb / 3P
WIDE RANGE OF COLLECTOR CURRENT
LTR-301 LITEON-LTR-301 Datasheet
88Kb / 3P
WIDE RANGE OF COLLECTOR CURRENT
logo
Estek Electronics Co. L...
LM324 ESTEK-LM324 Datasheet
169Kb / 4P
Wide range of supply voltages
REV No:01-060817
logo
Advanced Monolithic Sys...
AMS324 AMS-AMS324 Datasheet
300Kb / 4P
Wide range of supply voltages
logo
Hi-Sincerity Mocroelect...
H177 HSMC-H177 Datasheet
207Kb / 6P
Wide range of supply voltage: 3.5V to 28V.
logo
Lite-On Technology Corp...
LTR-5576D LITEON-LTR-5576D Datasheet
154Kb / 4P
WIDE RANGE OF COLLECTOR CURRENT
logo
Texas Instruments
SN74HC174DT TI-SN74HC174DT Datasheet
1Mb / 22P
Wide Operating Voltage Range of 2 V to 6 V
logo
Laird Tech Smart Techno...
PAV90209H LSTD-PAV90209H Datasheet
1Mb / 2P
Wide range of connector options
logo
Omron Electronics LLC
A7BS OMRON-A7BS Datasheet
507Kb / 8P
Wide Range of Locking-type Models Available
logo
IXYS Corporation
NCD2400M IXYS-NCD2400M Datasheet
409Kb / 22P
Wide Capacitance Range, Non-volatile Digital Programmable Capacitor
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com