Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCD2100 Datasheet(PDF) 7 Page - IXYS Corporation

Part # NCD2100
Description  Wide capacitance range of 6.6pF to 37.553pF
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

NCD2100 Datasheet(HTML) 7 Page - IXYS Corporation

Back Button NCD2100 Datasheet HTML 3Page - IXYS Corporation NCD2100 Datasheet HTML 4Page - IXYS Corporation NCD2100 Datasheet HTML 5Page - IXYS Corporation NCD2100 Datasheet HTML 6Page - IXYS Corporation NCD2100 Datasheet HTML 7Page - IXYS Corporation NCD2100 Datasheet HTML 8Page - IXYS Corporation NCD2100 Datasheet HTML 9Page - IXYS Corporation NCD2100 Datasheet HTML 10Page - IXYS Corporation NCD2100 Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
INTEGRATED CIRCUITS DIVISION
NCD2100
R02
www.ixysic.com
7
Figure 1: Shift Register Mode Timing Diagram
Figure 2: Programming Mode Timing Diagram
Figure 3: Programming Verification Timing Diagram
DA
CLK
LSB
MSB
t
setup
t
hold
PV=0
t=0
t
d_X1
X1 Valid
DA
CLK
LSB
MSB
t
setup
t
hold
PV
t=0
X1 Valid
t
d_PV
t
PV
t
d_CLK
t
d_M-X1
DA
*
CLK
LSB
MSB
t
setup
t
hold
t=0
t
d_PV_out
PV Valid
* Only one data bit can be set to logic 0.
PV
Indeterminate
V
OH
V
OL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com