Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIPW3226D2R2M Datasheet (PDF) - Cypress Semiconductor

Part # MIPW3226D2R2M
Description  High efficiency : 96% (Max)
File Size   1608.45 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MIPW3226D2R2M Datasheet (PDF) - Cypress Semiconductor



Similar Part No. - MIPW3226D2R2M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MIPW3226D2R2M CYPRESS-MIPW3226D2R2M Datasheet
1Mb / 32P
1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
More results


Similar Description - MIPW3226D2R2M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1762 MAXIM-MAX1762 Datasheet
659Kb / 20P
High-Efficiency, 10-Pin 關MAX, Step-Down Controllers for Notebooks
Rev 1; 10/05
logo
Emerson Network Power
ALO15B50 EMERSON-NETWORKPOWER-ALO15B50 Datasheet
88Kb / 2P
High efficiency (96% Typical)
ALQ15-DUAL EMERSON-NETWORKPOWER-ALQ15-DUAL Datasheet
408Kb / 2P
High Efficiency
logo
SynQor Worldwide Headqu...
SQ60120QEX25 SYNQOR-SQ60120QEX25 Datasheet
2Mb / 14P
High efficiency, 96% at full rated load current
logo
Recom International Pow...
R-78B-2.0 RECOM-R-78B-2.0 Datasheet
401Kb / 5P
Efficiency Up To 96%, No Heatsinks Required
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7332 AVAGO-ACPM-7332 Datasheet
1Mb / 16P
high efficiency at max output power
ACPM-7372 AVAGO-ACPM-7372 Datasheet
1Mb / 16P
high efficiency at max output power
logo
Monolithic Power System...
EV2499M-QB-00A MPS-EV2499M-QB-00A Datasheet
949Kb / 7P
High Efficiency, 3A Max, 36V Synchronous, Step-Down Converter Evaluation Board
logo
Bel Fuse Inc.
TET1500 BEL-TET1500 Datasheet
1Mb / 26P
High Efficiency, typ. 96% efficiency at half load
logo
Toshiba Semiconductor
TA8270HQ TOSHIBA-TA8270HQ Datasheet
365Kb / 16P
Max Power 43 W BTL × 4 ch High Efficiency Audio Power IC
2006-04-28
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com