Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM4012B Datasheet (PDF) - Integrated Device Technology

Part # ZSPM4012B
Description  High Efficiency 2A Synchronous Buck Converter
File Size   658.32 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM4012B Datasheet (PDF) - Integrated Device Technology



Similar Part No. - ZSPM4012B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
High Efficiency 2A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4012BA1W00 ETC2-ZSPM4012BA1W00 Datasheet
1Mb / 23P
High Efficiency 2A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012BA1W00 RENESAS-ZSPM4012BA1W00 Datasheet
832Kb / 22P
High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4012BA1W15 ETC2-ZSPM4012BA1W15 Datasheet
1Mb / 23P
High Efficiency 2A Synchronous Buck Converter
More results


Similar Description - ZSPM4012B

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3408 BCDSEMI-AP3408 Datasheet
385Kb / 12P
2A, 4MHz High Efficiency Synchronous Buck Converter
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
High Efficiency 2A Synchronous Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
uPI Group Inc.
UP1723 UPI-UP1723 Datasheet
268Kb / 16P
2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
UP1724 UPI-UP1724 Datasheet
234Kb / 13P
2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
logo
Monolithic Power System...
MP4572 MPS-MP4572 Datasheet
2Mb / 32P
High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
3/9/2020
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
High Efficiency 2A Synchronous Buck Converter
January 27, 2016
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com