Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSR05T30P2 Datasheet (PDF) - ON Semiconductor

Part # NSR05T30P2
Description  500 mA, 30V Schottky Barrier Diode
File Size   69.07 Kbytes
Html View  1   2   3   4   5 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSR05T30P2 Datasheet (PDF) - ON Semiconductor



Similar Part No. - NSR05T30P2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR05T304MX ONSEMI-NSR05T304MX Datasheet
216Kb / 6P
Schottky Barrier Diode, 500 mA, 30 V
November, 2020 - Rev. 0
NSR05T304MXT5G ONSEMI-NSR05T304MXT5G Datasheet
216Kb / 6P
Schottky Barrier Diode, 500 mA, 30 V
November, 2020 - Rev. 0
NSR05T30XV2 ONSEMI-NSR05T30XV2 Datasheet
133Kb / 6P
500 mA, 30 V Schottky Barrier Diode
April, 2017 - Rev. 0
NSR05T30XV2T5G ONSEMI-NSR05T30XV2T5G Datasheet
133Kb / 6P
500 mA, 30 V Schottky Barrier Diode
April, 2017 - Rev. 0
More results


Similar Description - NSR05T30P2

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RB551V-30 MCC-RB551V-30 Datasheet
167Kb / 2P
500 mA Schottky Barrier Diode 30 Volts
logo
First Components Intern...
SS520 FCI-SS520 Datasheet
71Kb / 2P
500 mA SURFACE MOUNT SCHOTTKY BARRIER RECTIFERS
logo
ON Semiconductor
NSR05T40P2 ONSEMI-NSR05T40P2 Datasheet
68Kb / 5P
500 mA, 40 V Schottky Barrier Diode
July, 2015 ??Rev. 1
NSR05T40P2 ONSEMI-NSR05T40P2_16 Datasheet
61Kb / 5P
500 mA, 40 V Schottky Barrier Diode
August, 2016 ??Rev. 2
logo
Micro Commercial Compon...
RB551V-30 MCC-RB551V-30_16 Datasheet
321Kb / 3P
Schottky Barrier Diode 30 Volts 500 mA
RB551V-40 MCC-RB551V-40 Datasheet
321Kb / 3P
500 mA Schottky Barrier Diode 40 Volts
logo
ON Semiconductor
NSR05T404MX ONSEMI-NSR05T404MX Datasheet
69Kb / 5P
500 mA, 40 V Schottky Barrier Diode
August, 2017 ??Rev. P1
logo
Microsemi Corporation
1N6675UR-1 MICROSEMI-1N6675UR-1 Datasheet
417Kb / 6P
200 and 500 mA Schottky Barrier Rectifier
logo
ON Semiconductor
NSR05402 ONSEMI-NSR05402 Datasheet
330Kb / 5P
500 mA, 40 V Schottky Barrier Diode
June, 2019 ??Rev. 0
NSR05T30XV2 ONSEMI-NSR05T30XV2 Datasheet
133Kb / 6P
500 mA, 30 V Schottky Barrier Diode
April, 2017 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com