Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSR05402 Datasheet (PDF) - ON Semiconductor

NSR05402 Datasheet PDF - ON Semiconductor
Part # NSR05402
Download  NSR05402 Download
File Size   330.42 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 500 mA, 40 V Schottky Barrier Diode

NSR05402 Datasheet (PDF)

Go To PDF Page Download Datasheet
NSR05402 Datasheet PDF - ON Semiconductor

Part # NSR05402
Download  NSR05402 Click to download

File Size   330.42 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 500 mA, 40 V Schottky Barrier Diode

NSR05402 Datasheet (HTML) - ON Semiconductor




Similar Part No. - NSR05402

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
NSR050A0X432Z LINEAGEPOWER-NSR050A0X432Z Datasheet
464Kb / 15P
Naos Raptor 50A: Non-Isolated Power Modules
logo
Pan Jit International I...
NSR0520 PANJIT-NSR0520 Datasheet
152Kb / 4P
SCHOTTKY BARRIER DIODE
logo
ON Semiconductor
NSR0520V2 ONSEMI-NSR0520V2 Datasheet
53Kb / 4P
Schottky Barrier Diode
October, 2014 ??Rev. 4
NSR0520V2 ONSEMI-NSR0520V2 Datasheet
121Kb / 5P
Schottky Barrier Diode
August, 2018 - Rev. 5
NSR0520V2 ONSEMI-NSR0520V2 Datasheet
117Kb / 4P
Schottky Barrier Diode
April, 2024 - Rev. 6
More results


Similar Description - NSR05402

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR05T40P2 ONSEMI-NSR05T40P2 Datasheet
68Kb / 5P
500 mA, 40 V Schottky Barrier Diode
July, 2015 ??Rev. 1
NSR05T40P2 ONSEMI-NSR05T40P2_16 Datasheet
61Kb / 5P
500 mA, 40 V Schottky Barrier Diode
August, 2016 ??Rev. 2
logo
Micro Commercial Compon...
RB551V-40 MCC-RB551V-40 Datasheet
321Kb / 3P
500 mA Schottky Barrier Diode 40 Volts
logo
ON Semiconductor
NSR05T404MX ONSEMI-NSR05T404MX Datasheet
69Kb / 5P
500 mA, 40 V Schottky Barrier Diode
August, 2017 ??Rev. P1
NSR05T30XV2 ONSEMI-NSR05T30XV2 Datasheet
133Kb / 6P
500 mA, 30 V Schottky Barrier Diode
April, 2017 - Rev. 0
logo
Nexperia B.V. All right...
BAT721 NEXPERIA-BAT721 Datasheet
191Kb / 8P
40 V, 200 mA Schottky barrier diode
1 October 2022
1PS76SB21-Q NEXPERIA-1PS76SB21-Q Datasheet
190Kb / 10P
40 V, 200 mA Schottky barrier diode
25 July 2022
BAT854W-Q NEXPERIA-BAT854W-Q Datasheet
188Kb / 8P
40 V, 200 mA Schottky barrier diode
19 July 2022
BAT721-Q NEXPERIA-BAT721-Q Datasheet
191Kb / 8P
40 V, 200 mA Schottky barrier diode
3 May 2023
BAT854W NEXPERIA-BAT854W Datasheet
188Kb / 8P
40 V, 200 mA Schottky barrier diode
4 January 2023
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com