Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSR05402 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NSR05402
Description  500 mA, 40 V Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSR05402 Datasheet(HTML) 4 Page - ON Semiconductor

  NSR05402 Datasheet HTML 1Page - ON Semiconductor NSR05402 Datasheet HTML 2Page - ON Semiconductor NSR05402 Datasheet HTML 3Page - ON Semiconductor NSR05402 Datasheet HTML 4Page - ON Semiconductor NSR05402 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DSN2, 0.6x0.3, 0.4P, (0201)
CASE 152AA
ISSUE B
DATE 30 APR 2017
SCALE 8:1
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
A
B
E
D
BOTTOM VIEW
b
e
2X
0.05
B
A
C
L
2X
2X
0.06 C
TOP VIEW
2X
0.06 C
2X
A
A1
0.05 C
0.05 C
C SEATING
PLANE
SIDE VIEW
DIM MIN
MAX
MILLIMETERS
A
0.24
0.30
A1
0.00
0.01
b
0.20
0.22
D
0.30 BSC
E
0.60 BSC
e
0.40 BSC
L
0.10
0.12
MOUNTING FOOTPRINT*
DIMENSIONS: MILLIMETERS
0.75
0.28
0.30
0.28
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
2
1
*This information is generic. Please refer
to device data sheet for actual part
marking. Pb−Free indicator, “G”, may
or not be present. Some products may
not follow the Generic Marking.
XXXX
YYY
JAN
XXXX
Y09
YEAR CODE
DEVICE CODE
FEB
MAR
SEP
DEC
JUN
OCT
NOV
INDICATES AUG 2009
(EXAMPLE)
CATHODE BAND MONTH CODING
See Application Note AND8398/D for more mounting details
GENERIC
MARKING DIAGRAM1*
PIN 1
XXXX = Specific Device Code
YYY = Year Code
XXXX
YYY
PIN 1
X = Specific Device Code
M = Date Code
XM
GENERIC
MARKING DIAGRAM2*
MECHANICAL CASE OUTLINE
PACKAGE DIMENSIONS
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor reserves the right to make changes without further notice to any products herein. ON Semiconductor makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically
disclaims any and all liability, including without limitation special, consequential or incidental damages. ON Semiconductor does not convey any license under its patent rights nor the
rights of others.
98AON39897E
DOCUMENT NUMBER:
DESCRIPTION:
Electronic versions are uncontrolled except when accessed directly from the Document Repository.
Printed versions are uncontrolled except when stamped “CONTROLLED COPY” in red.
PAGE 1 OF 1
DSN2, 0.6X0.3, 0.4P, (0201)
© Semiconductor Components Industries, LLC, 2019
www.onsemi.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com