Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSR05402 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSR05402
Description  500 mA, 40 V Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSR05402 Datasheet(HTML) 1 Page - ON Semiconductor

  NSR05402 Datasheet HTML 1Page - ON Semiconductor NSR05402 Datasheet HTML 2Page - ON Semiconductor NSR05402 Datasheet HTML 3Page - ON Semiconductor NSR05402 Datasheet HTML 4Page - ON Semiconductor NSR05402 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2017
June, 2019 − Rev. 0
1
Publication Order Number:
NSR05402/D
NSR05402
500 mA, 40 V Schottky
Barrier Diode
These Schottky barrier diodes are optimized for low forward
voltage drop and low leakage current and are offered in a Chip Scale
Package (CSP) to reduce board space. The low thermal resistance
enables designers to meet the challenging task of achieving higher
efficiency and meeting reduced space requirements.
Features
• Low Forward Voltage Drop − 570 mV (Typ.) @ IF = 500 mA
• Low Reverse Current − 3.0 mA (Typ.) @ VR = 40 V
• ESD Rating − Human Body Model: Class 3B
ESD Rating − Machine Model: Class C
• High Switching Speed
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
• LCD and Keypad Backlighting
• Camera Photo Flash
• Buck and Boost dc−dc Converters
• Reverse Voltage and Current Protection
• Clamping and Protection
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
VR
40
V
Forward Current (DC)
IF
500
mA
Forward Surge Current
(60 Hz @ 1 cycle)
IFSM
8.0
A
Repetitive Peak Forward Current
(Pulse Wave = 1 sec, Duty Cycle = 66%)
IFRM
1.8
A
ESD Rating:
Human Body Model
Machine Model
ESD
>8.0
>400
kV
V
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
40 V SCHOTTKY
BARRIER DIODE
1
CATHODE
2
ANODE
www.onsemi.com
Device
Package
Shipping†
ORDERING INFORMATION
NSR05402NXT5G
DSN2
(Pb−Free)
5000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
DSN2
(0201)
CASE 152AA
MARKING
DIAGRAM
PIN 1
P = Specific Device Code
M = Date Code
PM


Similar Part No. - NSR05402

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
NSR050A0X432Z LINEAGEPOWER-NSR050A0X432Z Datasheet
464Kb / 15P
Naos Raptor 50A: Non-Isolated Power Modules
logo
Pan Jit International I...
NSR0520 PANJIT-NSR0520 Datasheet
152Kb / 4P
SCHOTTKY BARRIER DIODE
logo
ON Semiconductor
NSR0520V2 ONSEMI-NSR0520V2 Datasheet
53Kb / 4P
Schottky Barrier Diode
October, 2014 ??Rev. 4
NSR0520V2 ONSEMI-NSR0520V2 Datasheet
121Kb / 5P
Schottky Barrier Diode
August, 2018 - Rev. 5
NSR0520V2 ONSEMI-NSR0520V2 Datasheet
117Kb / 4P
Schottky Barrier Diode
April, 2024 - Rev. 6
More results

Similar Description - NSR05402

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR05T40P2 ONSEMI-NSR05T40P2 Datasheet
68Kb / 5P
500 mA, 40 V Schottky Barrier Diode
July, 2015 ??Rev. 1
NSR05T40P2 ONSEMI-NSR05T40P2_16 Datasheet
61Kb / 5P
500 mA, 40 V Schottky Barrier Diode
August, 2016 ??Rev. 2
logo
Micro Commercial Compon...
RB551V-40 MCC-RB551V-40 Datasheet
321Kb / 3P
500 mA Schottky Barrier Diode 40 Volts
logo
ON Semiconductor
NSR05T404MX ONSEMI-NSR05T404MX Datasheet
69Kb / 5P
500 mA, 40 V Schottky Barrier Diode
August, 2017 ??Rev. P1
NSR05T30XV2 ONSEMI-NSR05T30XV2 Datasheet
133Kb / 6P
500 mA, 30 V Schottky Barrier Diode
April, 2017 - Rev. 0
logo
Nexperia B.V. All right...
BAT721 NEXPERIA-BAT721 Datasheet
191Kb / 8P
40 V, 200 mA Schottky barrier diode
1 October 2022
1PS76SB21-Q NEXPERIA-1PS76SB21-Q Datasheet
190Kb / 10P
40 V, 200 mA Schottky barrier diode
25 July 2022
BAT854W-Q NEXPERIA-BAT854W-Q Datasheet
188Kb / 8P
40 V, 200 mA Schottky barrier diode
19 July 2022
BAT721-Q NEXPERIA-BAT721-Q Datasheet
191Kb / 8P
40 V, 200 mA Schottky barrier diode
3 May 2023
BAT854W NEXPERIA-BAT854W Datasheet
188Kb / 8P
40 V, 200 mA Schottky barrier diode
4 January 2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com