Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSR05402 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSR05402
Description  500 mA, 40 V Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSR05402 Datasheet(HTML) 2 Page - ON Semiconductor

  NSR05402 Datasheet HTML 1Page - ON Semiconductor NSR05402 Datasheet HTML 2Page - ON Semiconductor NSR05402 Datasheet HTML 3Page - ON Semiconductor NSR05402 Datasheet HTML 4Page - ON Semiconductor NSR05402 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NSR05402
www.onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Thermal Resistance
Junction−to−Ambient (Note 1)
Total Power Dissipation @ TA = 25°C
RqJA
PD
329
380
°C/W
mW
Thermal Resistance
Junction−to−Ambient (Note 2)
Total Power Dissipation @ TA = 25°C
RqJA
PD
140
895
°C/W
mW
Storage Temperature Range
Tstg
−40 to +125
°C
Junction Temperature
TJ
+150
°C
1. Mounted onto a 4 in square FR−4 board 50 mm sq. 1 oz. Cu 0.06” thick single sided. Operating to steady state.
2. Mounted onto a 4 in square FR−4 board 650 mm sq. 1 oz. Cu 0.06” thick single sided. Operating to steady state.
Figure 1. Thermal Response (Note 1)
Figure 2. Thermal Response (Note 2)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com