Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSR05402 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSR05402
Description  500 mA, 40 V Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSR05402 Datasheet(HTML) 3 Page - ON Semiconductor

  NSR05402 Datasheet HTML 1Page - ON Semiconductor NSR05402 Datasheet HTML 2Page - ON Semiconductor NSR05402 Datasheet HTML 3Page - ON Semiconductor NSR05402 Datasheet HTML 4Page - ON Semiconductor NSR05402 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NSR05402
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Leakage
(VR = 10 V)
(VR = 40 V)
IR
0.3
3.0
4.0
20
mA
Forward Voltage
(IF = 0.1 mA)
(IF = 1 mA)
(IF = 10 mA)
(IF = 100 mA)
(IF = 200 mA)
(IF = 500 mA)
VF
180
230
310
400
450
570
220
255
350
440
480
620
mV
Total Capacitance
(VR = 5.0 V, f = 1.0 MHz)
CT
9.5
pF
Reverse Recovery Time
(IF = IR = 10 mA, IR(REC) = 1.0 mA), Figure 3
trr
5.9
ns
Peak Forward Recovery Voltage
(VR = 1.0 V, f = 1.0 MHz), Figure 4
VFRM
558
mV
Figure 3. Recovery Time Equivalent Test Circuit
Figure 4. Peak Forward Recover Voltage Definition



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com