Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT768 Datasheet (PDF) - Nihon Inter Electronics Corporation

Part # PT768
Description  DIODE MODULE 75A/800V
File Size   137.2 Kbytes
Html View  1   2   3 
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PT768 Datasheet (PDF) - Nihon Inter Electronics Corporation



Similar Part No. - PT768

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7681 TI-PT7681 Datasheet
246Kb / 12P
30-A Programmable ISR With Margin Up/Down Controls
PT7681N TI-PT7681N Datasheet
246Kb / 12P
30-A Programmable ISR With Margin Up/Down Controls
logo
National Instruments Co...
PT768 NI-PT768_15 Datasheet
115Kb / 2P
DIODE
More results


Similar Description - PT768

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC308 NIEC-PC308 Datasheet
189Kb / 3P
DIODE MODULE 30A/800V
PC1008 NIEC-PC1008 Datasheet
194Kb / 3P
DIODE MODULE 100A/800V
PC1508 NIEC-PC1508 Datasheet
210Kb / 3P
DIODE MODULE 150A/800V
PC2008 NIEC-PC2008 Datasheet
204Kb / 3P
DIODE MODULE 200A/800V
PGH758AM NIEC-PGH758AM Datasheet
234Kb / 4P
THYRISTOR MODULE 75A / 800V
PT30S8 NIEC-PT30S8 Datasheet
111Kb / 3P
DIODE MODULE 30A/800V
PT50S8 NIEC-PT50S8 Datasheet
50Kb / 5P
DIODE MODULE 50A/800V
PT76S8 NIEC-PT76S8 Datasheet
114Kb / 3P
DIODE MODULE 75A/800V
PT151S8 NIEC-PT151S8 Datasheet
50Kb / 5P
DIODE MODULE 150A/800V
PT200S8 NIEC-PT200S8 Datasheet
128Kb / 3P
DIODE MODULE 200A/800V
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com