Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPM-7372 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7372
Description  high efficiency at max output power
File Size   1336.31 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7372 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED



Similar Part No. - ACPM-7372

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7372 BOARDCOM-ACPM-7372 Datasheet
1Mb / 16P
UMTS Band8 (880-915MHz) 4x4 Power Amplifier Module
ACPM-7372-BLK BOARDCOM-ACPM-7372-BLK Datasheet
1Mb / 16P
UMTS Band8 (880-915MHz) 4x4 Power Amplifier Module
ACPM-7372-TR1 BOARDCOM-ACPM-7372-TR1 Datasheet
1Mb / 16P
UMTS Band8 (880-915MHz) 4x4 Power Amplifier Module
More results


Similar Description - ACPM-7372

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3025 AD-ADP3025 Datasheet
609Kb / 24P
High Efficiency Dual Output Power Supply Controller
4/04-Data Sheet changed from Rev. 0 to Rev. A
logo
International Rectifier
IR3477M IRF-IR3477M_15 Datasheet
904Kb / 21P
Excellent Efficiency at Very Low Output Currents
logo
Skyworks Solutions Inc.
SKY77448 SKYWORKS-SKY77448 Datasheet
78Kb / 2P
High efficiency at all power levels
logo
Cypress Semiconductor
MB39C015 CYPRESS-MB39C015 Datasheet
1Mb / 43P
High efficiency : 96% (Max)
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7332 AVAGO-ACPM-7332 Datasheet
1Mb / 16P
high efficiency at max output power
logo
Bel Fuse Inc.
TET1500 BEL-TET1500 Datasheet
1Mb / 26P
High Efficiency, typ. 96% efficiency at half load
PFS1200-12-054XD BEL-PFS1200-12-054XD Datasheet
1Mb / 27P
High Efficiency, typ. 94% efficiency at half load
logo
EHAOAN.
EH-2835S850-2045 EHAOAN-EH-2835S850-2045 Datasheet
3Mb / 9P
High output power at 850nm
EH-3535A850-B60 EHAOAN-EH-3535A850-B60 Datasheet
3Mb / 9P
High output power at 850nm
EH-3535A850-D60 EHAOAN-EH-3535A850-D60 Datasheet
3Mb / 9P
High output power at 850nm
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com