Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC085 Datasheet (PDF) - Teledyne Technologies Incorporated

Part # AC085
Description  1 TO 150 MHz TO-8 CASCADABLE AMPLIFIER
File Size   136.88 Kbytes
Html View  1 
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC085 Datasheet (PDF) - Teledyne Technologies Incorporated



Similar Part No. - AC085

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AC08 TI-AC08 Datasheet
513Kb / 15P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
YAGEO Corporation
AC0805 YAGEO-AC0805 Datasheet
345Kb / 11P
THICK FILM CHIP RESISTORS Automotive grade
AC0805 YAGEO-AC0805 Datasheet
312Kb / 10P
THICK FILM CHIP RESISTORS Automotive grade
AC0805 YAGEO-AC0805 Datasheet
455Kb / 12P
THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
Mar. 19,2021 V.8
AC0805 YAGEO-AC0805 Datasheet
397Kb / 12P
THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
Jan. 04, 2023 V.10
More results


Similar Description - AC085

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A4011 MACOM-A4011 Datasheet
105Kb / 1P
1000 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC238 ETC-AC238 Datasheet
81Kb / 1P
5 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
AC272 ETC-AC272 Datasheet
123Kb / 2P
10 TO 250 MHz TO-8 CASCADABLE AMPLIFIER
AP148 ETC-AP148 Datasheet
117Kb / 2P
1 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
AP2008 ETC-AP2008 Datasheet
108Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
AC509 ETC1-AC509 Datasheet
107Kb / 2P
5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
AC1508 ETC1-AC1508 Datasheet
114Kb / 2P
10 TO 1500 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC580 TELEDYNE-AC580 Datasheet
175Kb / 2P
10 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
AC1038 TELEDYNE-AC1038 Datasheet
171Kb / 2P
5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
AC2386 TELEDYNE-AC2386 Datasheet
131Kb / 1P
1700 TO 2300 MHz TO-8 CASCADABLE AMPLIFIER
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com