Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS4845N Datasheet (PDF) - ON Semiconductor

Part # NTMFS4845N
Description  Power MOSFET 30V 115A Single N-hannel, SO-8FL
File Size   117.27 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4845N Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTMFS4845N_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4845NT1G ONSEMI-NTMFS4845NT1G Datasheet
143Kb / 6P
Power MOSFET 30 V, 115 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
More results


Similar Description - NTMFS4845N_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4851N ONSEMI-NTMFS4851N_12 Datasheet
117Kb / 6P
Power MOSFET 30V 66A Single N-Channel, SO-8FL
May, 2012 ??Rev. 3
NTMFS4847N ONSEMI-NTMFS4847N_12 Datasheet
116Kb / 6P
Power MOSFET 30V 85A Single N-Channel, SO-8FL
May, 2012 ??Rev. 3
NTMFS4841N ONSEMI-NTMFS4841N_12 Datasheet
125Kb / 7P
Power MOSFET 30V 57A Single N-Channel, SO-8FL
May, 2012 ??Rev. 8
NTMFS4835N ONSEMI-NTMFS4835N_12 Datasheet
145Kb / 7P
Power MOSFET 30V 104A Single N-Channel, SO-8FL
May, 2012 ??Rev. 7
NTMFS4834N ONSEMI-NTMFS4834N_12 Datasheet
144Kb / 6P
Power MOSFET 30V 130A Single N-Channel, SO-8FL
May, 2012 ??Rev. 6
NTMFS4833N ONSEMI-NTMFS4833N_14 Datasheet
121Kb / 7P
Power MOSFET 30V 191A Single N-Channel, SO-8FL
March, 2014 ??Rev. 10
NTMFS4821N ONSEMI-NTMFS4821N_12 Datasheet
146Kb / 7P
Power MOSFET 30V 58.5A Single N-channel, SO-8 FL
May, 2012 ??Rev. 4
NVTFS4C02N ONSEMI-NVTFS4C02N Datasheet
146Kb / 7P
MOSFET - Power, Single N-Channel, 8FL
September, 2020 ??Rev. 0
NVMFS016N06C ONSEMI-NVMFS016N06C Datasheet
189Kb / 7P
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 15.6 m, 33 A
January, 2020?뭃ev. 0
NVMFS020N06C ONSEMI-NVMFS020N06C Datasheet
187Kb / 7P
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com