Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE42430MLAB-Z Datasheet (PDF) - Peregrine Semiconductor

Part # PE42430MLAB-Z
Description  UltraCMOS짰 SP3T Reflective RF Switch 100 ??3000 MHz
File Size   483.27 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42430MLAB-Z Datasheet (PDF) - Peregrine Semiconductor



Similar Part No. - PE42430MLAB-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42430MLAA-Z PEREGRINE-PE42430MLAA-Z Datasheet
415Kb / 11P
UltraCMOS SP3T Reflective
More results


Similar Description - PE42430MLAB-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42821 PSEMI-PE42821 Datasheet
403Kb / 12P
UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz
PE42851 PSEMI-PE42851 Datasheet
417Kb / 12P
UltraCMOS짰 SP5T RF Switch 100 - 1000 MHz
PE42430 PSEMI-PE42430 Datasheet
413Kb / 11P
UltraCMOS SP3T Reflective RF Switch
PE42430 PSEMI-PE42430_14 Datasheet
1,019Kb / 11P
UltraCMOS짰 SP3T Reflective
logo
M/A-COM Technology Solu...
MASW-011032 MA-COM-MASW-011032_14 Datasheet
683Kb / 5P
Switch, SP3T 100 Watt Reflective
logo
Peregrine Semiconductor
PE42440MLBB-Z PSEMI-PE42440MLBB-Z Datasheet
612Kb / 8P
SP4T UltraCMOS짰 RF Switch 50 ??3000 MHz
PE42510AMLI-Z PSEMI-PE42510AMLI-Z Datasheet
821Kb / 7P
SPDT High Power UltraCMOS짰 Reflective RF Switch 30 - 2000 MHz
PE42641MLBC-Z PSEMI-PE42641MLBC-Z Datasheet
232Kb / 8P
SP4T UltraCMOS짰 RF Switch 100 MHz ??3.0 GHz
PE42851MLBA-X PSEMI-PE42851MLBA-X Datasheet
380Kb / 12P
UltraCMOS짰 SP5T RF Switch 100??000 MHz
logo
M/A-COM Technology Solu...
MASW-011030 MA-COM-MASW-011030 Datasheet
693Kb / 6P
Switch, SP3T 100 Watt Reflective
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com