Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE42641MLBC-Z Datasheet (PDF) - Peregrine Semiconductor

Part # PE42641MLBC-Z
Description  SP4T UltraCMOS짰 RF Switch 100 MHz ??3.0 GHz
File Size   232.62 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42641MLBC-Z Datasheet (PDF) - Peregrine Semiconductor



Similar Part No. - PE42641MLBC-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42641MLI PEREGRINE-PE42641MLI Datasheet
306Kb / 9P
SP4T UltraCMOS RF Switch DC - 3.0 GHz
PE42641MLI-Z PEREGRINE-PE42641MLI-Z Datasheet
306Kb / 9P
SP4T UltraCMOS RF Switch DC - 3.0 GHz
More results


Similar Description - PE42641MLBC-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42821 PSEMI-PE42821 Datasheet
403Kb / 12P
UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz
PE42851 PSEMI-PE42851 Datasheet
417Kb / 12P
UltraCMOS짰 SP5T RF Switch 100 - 1000 MHz
PE42441 PSEMI-PE42441 Datasheet
510Kb / 12P
UltraCMOS짰 SP4T RF Switch
PE42442 PSEMI-PE42442 Datasheet
514Kb / 11P
UltraCMOS짰 SP4T RF Switch
PE42641 PSEMI-PE42641 Datasheet
891Kb / 8P
SP4T UltraCMOS짰 RF Switch
PE42421SCAA-Z PSEMI-PE42421SCAA-Z Datasheet
385Kb / 9P
SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
PE42423MLBA-Z PSEMI-PE42423MLBA-Z Datasheet
490Kb / 11P
UltraCMOS짰 SPDT RF Switch 100 MHz - 6 GHz
PE42440MLBB-Z PSEMI-PE42440MLBB-Z Datasheet
612Kb / 8P
SP4T UltraCMOS짰 RF Switch 50 ??3000 MHz
PE42540LGBD-Z PSEMI-PE42540LGBD-Z Datasheet
1Mb / 12P
UltraCMOS짰 SP4T RF Switch 10 Hz?? GHz
PE42851MLBA-X PSEMI-PE42851MLBA-X Datasheet
380Kb / 12P
UltraCMOS짰 SP5T RF Switch 100??000 MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com