Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS40MB200 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
Part # DS40MB200
Description  Dual 4-Gbps 2:1/1:2 CML MUX/Buffer With Transmit Pre-Emphasis and Receive Equalization
File Size   1376.92 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS40MB200 Datasheet (PDF) - Texas Instruments



Similar Part No. - DS40MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS40MB200 NSC-DS40MB200 Datasheet
1,014Kb / 14P
Dual 4 Gb/s 1:2 Mux/Buffer with Onput Wqualization and Output Pre-Emphasis
DS40MB200 NSC-DS40MB200 Datasheet
1Mb / 16P
Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS40MB200 TI1-DS40MB200 Datasheet
922Kb / 20P
Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 TI1-DS40MB200 Datasheet
1Mb / 26P
Dual 4-Gbps 2:1/1:2 CML MUX/Buffer
logo
National Semiconductor ...
DS40MB200SQ NSC-DS40MB200SQ Datasheet
1,014Kb / 14P
Dual 4 Gb/s 1:2 Mux/Buffer with Onput Wqualization and Output Pre-Emphasis
More results


Similar Description - DS40MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25MB200 NSC-DS25MB200_07 Datasheet
316Kb / 14P
Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 NSC-DS40MB200_07 Datasheet
1Mb / 16P
Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 NSC-DS25MB200_08 Datasheet
319Kb / 14P
Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre- Emphasis and Receive Equalization
logo
Texas Instruments
DS42MB200TSQ TI1-DS42MB200TSQ Datasheet
900Kb / 17P
DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 TI1-DS40MB200_14 Datasheet
922Kb / 20P
Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB100 TI1-DS25MB100_16 Datasheet
1Mb / 23P
DS25MB100 2.5 Gbps 2:1/1:2 CML Mux/Buffer With Transmit Pre-Emphasis and Receive Equalization
DS25MB200 TI1-DS25MB200_15 Datasheet
794Kb / 17P
DS25MB200 Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS42MB200 TI1-DS42MB200_14 Datasheet
904Kb / 18P
DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com