Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS5601URH Datasheet (PDF) - MagnaChip Semiconductor.

Part # MDS5601URH
Description  Dual N-channel Trench MOSFET 30V, 12.9A, 10.5m(ohm)
File Size   678.81 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDS5601URH Datasheet (PDF) - MagnaChip Semiconductor.



Similar Part No. - MDS5601URH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDS5652 MGCHIP-MDS5652 Datasheet
756Kb / 6P
Dual N-Channel Trench MOSFET, 30V, 7.5A, 22m(ohm)
MDS5652URH MGCHIP-MDS5652URH Datasheet
756Kb / 6P
Dual N-Channel Trench MOSFET, 30V, 7.5A, 22m(ohm)
logo
VBsemi Electronics Co.,...
MDS5652URH VBSEMI-MDS5652URH Datasheet
1Mb / 9P
Dual N-Channel 30 V (D-S) MOSFET
More results


Similar Description - MDS5601URH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDS1524 MGCHIP-MDS1524 Datasheet
667Kb / 5P
Single N-channel Trench MOSFET 30V, 19.3A, 8.1m(ohm)
MDS1525 MGCHIP-MDS1525 Datasheet
670Kb / 5P
Single N-channel Trench MOSFET 30V, 16.9A, 10.1m(ohm)
MDS1653 MGCHIP-MDS1653 Datasheet
750Kb / 6P
Single N-Channel Trench MOSFET 30V, 12A, 12m(ohm)
MDS5652 MGCHIP-MDS5652 Datasheet
756Kb / 6P
Dual N-Channel Trench MOSFET, 30V, 7.5A, 22m(ohm)
MDU1515 MGCHIP-MDU1515 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V, 57.4A, 7.2m(ohm)
MDU1518 MGCHIP-MDU1518 Datasheet
764Kb / 6P
Single N-channel Trench MOSFET 30V, 94.5A, 4.2m(ohm)
MDU5512 MGCHIP-MDU5512 Datasheet
2Mb / 9P
Dual Asymmetric N-channel Trench MOSFET 30V
MDU5593S MGCHIP-MDU5593S Datasheet
1Mb / 9P
Dual Asymmetric N-channel Trench MOSFET 30V
MDU5692S MGCHIP-MDU5692S Datasheet
1Mb / 9P
Dual Asymmetric N-channel Trench MOSFET 30V
MDU5693 MGCHIP-MDU5693 Datasheet
1Mb / 9P
Dual Asymmetric N-channel Trench MOSFET 30V
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com