Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDWC0337E Datasheet (PDF) - MagnaChip Semiconductor.

Part # MDWC0337E
Description  Common-Drain Dual N-Channel Trench MOSFET 20V,6.4A,8.3 m(ohm)
File Size   976.18 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDWC0337E Datasheet (PDF) - MagnaChip Semiconductor.



Similar Part No. - MDWC0337E

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDWC0340EB MGCHIP-MDWC0340EB Datasheet
1Mb / 6P
Common-Drain Dual N-Channel Trench MOSFET 12V, 13.6A, 2.5 m(ohm)
MDWC0340EBRH MGCHIP-MDWC0340EBRH Datasheet
1Mb / 6P
Common-Drain Dual N-Channel Trench MOSFET 12V, 13.6A, 2.5 m(ohm)
MDWC0342E MGCHIP-MDWC0342E Datasheet
1Mb / 6P
Common-Drain Dual N-Channel Trench MOSFET 12V
Jan. 2021. Rev 1.2
MDWC0342ERH MGCHIP-MDWC0342ERH Datasheet
1Mb / 6P
Common-Drain Dual N-Channel Trench MOSFET 12V
Jan. 2021. Rev 1.2
More results


Similar Description - MDWC0337E

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO8810 AOSMD-AO8810_12 Datasheet
221Kb / 5P
20V Common-Drain Dual N-Channel MOSFET
AO8820 AOSMD-AO8820_12 Datasheet
205Kb / 5P
20V Common-Drain Dual N-Channel MOSFET
AO8822 AOSMD-AO8822_11 Datasheet
202Kb / 5P
20V Common-Drain Dual N-Channel MOSFET
AON5820 AOSMD-AON5820 Datasheet
278Kb / 6P
20V Common-Drain Dual N-Channel MOSFET
logo
MagnaChip Semiconductor...
MDWC0340EB MGCHIP-MDWC0340EB Datasheet
1Mb / 6P
Common-Drain Dual N-Channel Trench MOSFET 12V, 13.6A, 2.5 m(ohm)
logo
Alpha & Omega Semicondu...
AON5816 AOSMD-AON5816 Datasheet
401Kb / 6P
20V Common-Drain Dual N-Channel MOSFET
AOCA32112E AOSMD-AOCA32112E Datasheet
326Kb / 5P
20V Common-Drain Dual N-Channel MOSFET
Rev.1.0: June 2019
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com