Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9081 Datasheet (PDF) - Cirrus Logic

Part # WM9081
Description  Mono DAC with 2.6W Class AB/D Speaker Driver, Dynamic Range Controller and ReTune??Mobile Parametric Equalizer
File Size   2506.94 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9081 Datasheet (PDF) - Cirrus Logic



Similar Part No. - WM9081

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9082 WOLFSON-WM9082 Datasheet
563Kb / 24P
PDM Input Mono 3W Class D Speaker Driver
WM9082ECSN/R WOLFSON-WM9082ECSN/R Datasheet
563Kb / 24P
PDM Input Mono 3W Class D Speaker Driver
More results


Similar Description - WM9081

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8991 WOLFSON-WM8991 Datasheet
2Mb / 174P
Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
WM8959 WOLFSON-WM8959 Datasheet
2Mb / 155P
Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
logo
Texas Instruments
TLV320DAC3120 TI-TLV320DAC3120 Datasheet
1Mb / 108P
Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
logo
Maxim Integrated Produc...
MAX98300 MAXIM-MAX98300 Datasheet
1Mb / 14P
Mono 2.6W Class D Amplifier
Rev 0; 7/10
logo
Fairchild Semiconductor
FAB2210 FAIRCHILD-FAB2210 Datasheet
1Mb / 35P
Audio Subsystem with Class-G Headphone and 3.3W Mono Class-D Speaker with Dynamic Range Compression
logo
Texas Instruments
TLV320DAC3120 TI-TLV320DAC3120_15 Datasheet
1Mb / 113P
Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
logo
Nuvoton Technology Corp...
NAU8814 NUVOTON-NAU8814 Datasheet
2Mb / 110P
Mono Audio Codec with Speaker Driver and Equalizer
NAU88C14 NUVOTON-NAU88C14 Datasheet
2Mb / 108P
Mono Audio Codec with Speaker Driver and Equalizer
logo
Realtek Semiconductor C...
ALC5621 REALTEK-ALC5621_09 Datasheet
1Mb / 76P
I2S AUDIO CODEC 2.6W CLASS-AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
ALC5622 REALTEK-ALC5622 Datasheet
1Mb / 73P
I2S AUDIO CODEC 2.6W CLASS-AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com