Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8959 Datasheet (PDF) - Wolfson Microelectronics plc

WM8959 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8959
Download  WM8959 Download
File Size   2050.45 Kbytes
Page   155 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver

WM8959 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8959 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8959
Download  WM8959 Click to download

File Size   2050.45 Kbytes
Page   155 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver

WM8959 Datasheet (HTML) - Wolfson Microelectronics plc


WM8959 Product details

DESCRIPTION
The WM8959 is an ultra-low power hi-fi DAC designed for multimedia handsets.
A powerful 1W speaker driver can operate in class D or AB modes, providing total flexibility to the system designer. Low leakage, high PSRR and pop/click suppression enable direct battery connection for the speaker supply.

FEATURES
• DAC SNR 99dB (‘A’ weighted), THD -84dB at 48kHz, 3.3V
• Stereo microphone interface
• 1W Speaker driver
    - 1W into 8Ω BTL speaker at <0.1% THD
    - 80dB PSRR @ 217Hz
    - <1uA leakage with direct battery connection
    - Software-selectable class D or AB mode
    - Filterless connection supported
• Headphone / ear speaker drivers
    - 40mW output power into 16Ω at 3.3V
    - Fully differential and capless modes supported
    - Low noise, lower power received voice path
• Stereo or Mono differential line output
• Pop/Click suppression
• Powerful GPIO functions
• Ultra-low power consumption
    - 8.3mW analogue voice call
    - 13.7mW DAC playback to headphones
• On-chip PLL provides flexible clocking scheme
• Sample rates: 8, 11.025, 12, 16, 22.05, 24, 32, 44.1, 48kHz
• 42-ball WCSP package (3.226x3.44x0.7mm, 0.5mm pitch)

APPLICATIONS
• Multimedia phones
• GPS




Similar Part No. - WM8959

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8950 WOLFSON-WM8950 Datasheet
669Kb / 52P
ADC WITH MICROPHONE INPUT AND PROGRAMMABLE DIGITAL FILTERS
logo
Cirrus Logic
WM8950 CIRRUS-WM8950 Datasheet
1Mb / 60P
ADC with Microphone Input and Programmable Digital Filters
logo
Wolfson Microelectronic...
WM8950GEFL/RV WOLFSON-WM8950GEFL/RV Datasheet
669Kb / 52P
ADC WITH MICROPHONE INPUT AND PROGRAMMABLE DIGITAL FILTERS
WM8950GEFL/V WOLFSON-WM8950GEFL/V Datasheet
669Kb / 52P
ADC WITH MICROPHONE INPUT AND PROGRAMMABLE DIGITAL FILTERS
WM8951L WOLFSON-WM8951L Datasheet
499Kb / 42P
STEREO ADC WITH MICROPHONE INPUT AND CLOCK GENERATOR
More results


Similar Description - WM8959

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8983 WOLFSON-WM8983 Datasheet
1Mb / 8P
Mobile Multimedia CODEC with 1W Speaker Driver
WM8983 WOLFSON-WM8983_06 Datasheet
1Mb / 123P
Mobile Multimedia CODEC with 1W Speaker Driver
WM8986 WOLFSON-WM8986_07 Datasheet
1Mb / 87P
Multimedia DAC With Class D Headphone and Line Out
WM8991 WOLFSON-WM8991 Datasheet
2Mb / 174P
Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
WM8983 WOLFSON-WM8983_10 Datasheet
1Mb / 124P
Mobile Multimedia CODEC with 1W Speaker Driver
WM9001 WOLFSON-WM9001 Datasheet
507Kb / 25P
1W Dual-Mode Class AB/D Speaker Driver
logo
Cirrus Logic
WM9081 CIRRUS-WM9081 Datasheet
2Mb / 103P
Mono DAC with 2.6W Class AB/D Speaker Driver, Dynamic Range Controller and ReTune??Mobile Parametric Equalizer
WM8983 CIRRUS-WM8983 Datasheet
2Mb / 129P
Mobile Multimedia CODEC with 1W Speaker Driver
logo
Realtek Semiconductor C...
ALC5626 REALTEK-ALC5626 Datasheet
931Kb / 55P
I2S AUDIO DAC HEADPHONE AND STEREO CLASS-AB/D SPEAKER AMPLIFIER
logo
Shenzhen Naxinwei Techn...
NS4165 NSIWAY-NS4165 Datasheet
585Kb / 13P
Class AB/D dual-mode, 5W mono audio amplifier
V1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com