Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8959 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8959 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 155 page
background image
w
WM8959
Mobile Multimedia DAC with
Dual-Mode Class AB/D Speaker Driver
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Pre-Production, May 2008, Rev 3.1
Copyright
©2008 Wolfson Microelectronics plc
DESCRIPTION
The WM8959 is an ultra-low power hi-fi DAC designed for
multimedia handsets.
A powerful 1W speaker driver can operate in class D or AB
modes, providing total flexibility to the system designer. Low
leakage, high PSRR and pop/click suppression enable direct
battery connection for the speaker supply.
A flexible input configuration supports two microphone inputs
(single-ended or differential), a stereo line input, and a mono
differential line input.
Four headphone drivers support fully differential headset drive,
providing excellent crosstalk performance and bass response,
maximising stereo effects, and allowing the removal of large
and expensive headphone capacitors. The headphone outputs
can also be configured to drive an ear speaker. A fully
differential path to these outputs direct from the input pins is
available to maximise signal quality and minimise power
consumption.
Stereo 24-bit sigma-delta DACs provide hi-fi quality audio
playback, with a flexible digital audio interface supporting most
commonly-used clocking schemes. An integrated low power
PLL provides additional flexibility.
The WM8959 is supplied in very small and thin 42-ball WCSP
package, ideal for portable systems.
FEATURES
•
DAC SNR 99dB (‘A’ weighted), THD -84dB at 48kHz, 3.3V
•
Stereo microphone interface
•
1W Speaker driver
-
1W into 8
Ω BTL speaker at <0.1% THD
-
80dB PSRR @ 217Hz
-
<1uA leakage with direct battery connection
-
Software-selectable class D or AB mode
-
Filterless connection supported
•
Headphone / ear speaker drivers
-
40mW output power into 16
Ω at 3.3V
-
Fully differential and capless modes supported
-
Low noise, lower power received voice path
•
Stereo or Mono differential line output
•
Pop/Click suppression
•
Powerful GPIO functions
•
Ultra-low power consumption
-
8.3mW analogue voice call
-
13.7mW DAC playback to headphones
•
On-chip PLL provides flexible clocking scheme
•
Sample rates: 8, 11.025, 12, 16, 22.05, 24, 32, 44.1, 48kHz
•
42-ball WCSP package (3.226x3.44x0.7mm, 0.5mm pitch)
APPLICATIONS
•
Multimedia phones
•
GPS


Similar Part No. - WM8959

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8950 WOLFSON-WM8950 Datasheet
669Kb / 52P
ADC WITH MICROPHONE INPUT AND PROGRAMMABLE DIGITAL FILTERS
logo
Cirrus Logic
WM8950 CIRRUS-WM8950 Datasheet
1Mb / 60P
ADC with Microphone Input and Programmable Digital Filters
logo
Wolfson Microelectronic...
WM8950GEFL/RV WOLFSON-WM8950GEFL/RV Datasheet
669Kb / 52P
ADC WITH MICROPHONE INPUT AND PROGRAMMABLE DIGITAL FILTERS
WM8950GEFL/V WOLFSON-WM8950GEFL/V Datasheet
669Kb / 52P
ADC WITH MICROPHONE INPUT AND PROGRAMMABLE DIGITAL FILTERS
WM8951L WOLFSON-WM8951L Datasheet
499Kb / 42P
STEREO ADC WITH MICROPHONE INPUT AND CLOCK GENERATOR
More results

Similar Description - WM8959

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8983 WOLFSON-WM8983 Datasheet
1Mb / 8P
Mobile Multimedia CODEC with 1W Speaker Driver
WM8983 WOLFSON-WM8983_06 Datasheet
1Mb / 123P
Mobile Multimedia CODEC with 1W Speaker Driver
WM8986 WOLFSON-WM8986_07 Datasheet
1Mb / 87P
Multimedia DAC With Class D Headphone and Line Out
WM8991 WOLFSON-WM8991 Datasheet
2Mb / 174P
Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
WM8983 WOLFSON-WM8983_10 Datasheet
1Mb / 124P
Mobile Multimedia CODEC with 1W Speaker Driver
WM9001 WOLFSON-WM9001 Datasheet
507Kb / 25P
1W Dual-Mode Class AB/D Speaker Driver
logo
Cirrus Logic
WM9081 CIRRUS-WM9081 Datasheet
2Mb / 103P
Mono DAC with 2.6W Class AB/D Speaker Driver, Dynamic Range Controller and ReTune??Mobile Parametric Equalizer
WM8983 CIRRUS-WM8983 Datasheet
2Mb / 129P
Mobile Multimedia CODEC with 1W Speaker Driver
logo
Realtek Semiconductor C...
ALC5626 REALTEK-ALC5626 Datasheet
931Kb / 55P
I2S AUDIO DAC HEADPHONE AND STEREO CLASS-AB/D SPEAKER AMPLIFIER
logo
Shenzhen Naxinwei Techn...
NS4165 NSIWAY-NS4165 Datasheet
585Kb / 13P
Class AB/D dual-mode, 5W mono audio amplifier
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com