Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8959 Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 155 page
background image
Pre-Production
WM8959
w
PP, May 2008, Rev 3.1
65
The output mixers LOPMIX and LONMIX and their outputs LOP and LON are controlled as described
in Table 31. Care should be taken to avoid clipping when enabling more than one path to LOP or
LON. The LOATTN attenuation control can be used to prevent clipping when more than one full scale
signal is input to the LOP mixer.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6
LONMUTE
1b
LON Line Output Mute
0 = Un-mute
1 = Mute
5
LOPMUTE
1b
LOP Line Output Mute
0 = Un-mute
1 = Mute
R30 (1Eh)
4
LOATTN
0b
LOP Attenuation
0 = 0dB
1 = -6dB
6
LLOPGALON
0b
LOPGA to LONMIX
0 = Mute
1 = Un-mute
5
LROPGALON
0b
ROPGA to LONMIX
0 = Mute
1 = Un-mute
4
LOPLON
0b
Inverted LOP Output to LONMIX
0 = Mute
1 = Un-mute
2
LR12LOP
0b
RIN12 PGA Output to LOPMIX
0 = Mute
1 = Un-mute
1
LL12LOP
0b
LIN12 PGA Output to LOPMIX
0 = Mute
1 = Un-mute
R52 (34h)
0
LLOPGALOP
0b
LOPGA to LOPMIX
0 = Mute
1 = Un-mute
Table 31 LOP and LON Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com